Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELXZ350ESS222MM25S Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # ELXZ350ESS222MM25S
Description  Low impedance, Downsized, 105C
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ELXZ350ESS222MM25S Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  ELXZ350ESS222MM25S Datasheet HTML 1Page - United Chemi-Con, Inc. ELXZ350ESS222MM25S Datasheet HTML 2Page - United Chemi-Con, Inc. ELXZ350ESS222MM25S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Low impedance, Downsized, 105C
CAT. No. E1001K
?STANDARD RATINGS
?RATED RIPPLE CURRENT MULTIPLIERS
120
0.40
0.50
0.60
0.75
0.85
1k
0.75
0.85
0.87
0.90
0.95
10k
0.90
0.94
0.95
0.95
0.98
100k
1.00
1.00
1.00
1.00
1.00
Capacitance (mF)
Frequency (Hz)
12 to 180
220 to 560
680 to 1,800
2,200 to 3,900
4,700 to 18,000
@Frequency Multipliers
SS : Enter the appropriate lead forming or taping code.
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5C rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
Impedance
(omax/100kHz)
Rated
ripple
current
(mArms/
105c,
100kHz)
Part No.
20c
-10c
50
120
8 B 15
0.16
0.32
635
ELXZ500ESS121MH15D
120
10 B 12.5 0.16
0.32
620
ELXZ500ESS121MJC5S
180
8 B 20
0.12
0.24
730
ELXZ500ESS181MH20D
180
10 B 16
0.13
0.26
850
ELXZ500ESS181MJ16S
220
10 B 20
0.088
0.18
1,050
ELXZ500ESS221MJ20S
330
10 B 25
0.073
0.15
1,250
ELXZ500ESS331MJ25S
390
10 B 30
0.054
0.11
1,500
ELXZ500ESS391MJ30S
390
12.5 B 20
0.059
0.12
1,480
ELXZ500ESS391MK20S
560
12.5 B 25
0.044
0.088
1,840
ELXZ500ESS561MK25S
680
12.5 B 30
0.039
0.078
2,220
ELXZ500ESS681MK30S
680
16 B 20
0.048
0.096
1,840
ELXZ500ESS681ML20S
820
12.5 B 35
0.033
0.066
2,290
ELXZ500ESS821MK35S
820
18 B 20
0.042
0.084
1,980
ELXZ500ESS821MM20S
1,000
12.5 B 40
0.029
0.058
2,500
ELXZ500ESS102MK40S
1,000
16 B 25
0.034
0.068
2,240
ELXZ500ESS102ML25S
1,200
16 B 30
0.028
0.056
2,700
ELXZ500ESS122ML30S
1,200
18 B 25
0.029
0.058
2,610
ELXZ500ESS122MM25S
1,500
16 B 35
0.025
0.050
2,800
ELXZ500ESS152ML35S
1,800
16 B 40
0.021
0.042
3,200
ELXZ500ESS182ML40S
1,800
18 B 30
0.025
0.050
3,000
ELXZ500ESS182MM30S
2,200
18 B 35
0.023
0.046
3,100
ELXZ500ESS222MM35S
2,700
18 B 40
0.020
0.040
3,400
ELXZ500ESS272MM40S
63
12
5 B 11.5 1.9
4.0
145
ELXZ630ESS120MEB5D
22
6.3 B 11.5 1.0
2.0
240
ELXZ630ESS220MFB5D
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
Impedance
(omax/100kHz)
Rated
ripple
current
(mArms/
105c,
100kHz)
Part No.
20c
-10c
63
39
6.3 B 15
0.61
1.4
330
ELXZ630ESS390MF15D
68
8 B 12
0.34
0.75
405
ELXZ630ESS680MH12D
100
8 B 15
0.27
0.65
535
ELXZ630ESS101MH15D
100
10 B 12.5 0.255
0.51
540
ELXZ630ESS101MJC5S
120
10 B 16
0.19
0.38
600
ELXZ630ESS121MJ16S
150
8 B 20
0.21
0.52
690
ELXZ630ESS151MH20D
180
10 B 20
0.145
0.29
890
ELXZ630ESS181MJ20S
220
10 B 25
0.13
0.26
1,050
ELXZ630ESS221MJ25S
330
10 B 30
0.090
0.18
1,300
ELXZ630ESS331MJ30S
330
12.5 B 20
0.085
0.17
1,290
ELXZ630ESS331MK20S
390
12.5 B 25
0.070
0.14
1,720
ELXZ630ESS391MK25S
470
12.5 B 30
0.055
0.11
2,090
ELXZ630ESS471MK30S
470
16 B 20
0.059
0.12
1,770
ELXZ630ESS471ML20S
680
12.5 B 35
0.047
0.094
2,270
ELXZ630ESS681MK35S
680
16 B 25
0.050
0.10
2,160
ELXZ630ESS681ML25S
680
18 B 20
0.055
0.11
2,290
ELXZ630ESS681MM20S
820
12.5 B 40
0.042
0.084
2,560
ELXZ630ESS821MK40S
820
16 B 30
0.043
0.086
2,670
ELXZ630ESS821ML30S
820
18 B 25
0.043
0.086
2,590
ELXZ630ESS821MM25S
1,000
16 B 35
0.036
0.072
2,770
ELXZ630ESS102ML35S
1,200
16 B 40
0.030
0.060
2,850
ELXZ630ESS122ML40S
1,200
18 B 30
0.032
0.064
2,950
ELXZ630ESS122MM30S
1,500
18 B 35
0.030
0.060
3,100
ELXZ630ESS152MM35S
1,800
18 B 40
0.025
0.050
3,210
ELXZ630ESS182MM40S
(3/3)


Similar Part No. - ELXZ350ESS222MM25S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXZ350ESS222MM25S CHEMI-CON-ELXZ350ESS222MM25S Datasheet
61Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ELXZ350ESS222MM25S CHEMI-CON-ELXZ350ESS222MM25S Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
More results

Similar Description - ELXZ350ESS222MM25S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXZ250ELL471MJ16S CHEMI-CON-ELXZ250ELL471MJ16S Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
ELXZ350ELL221MJC5S CHEMI-CON-ELXZ350ELL221MJC5S Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
ELZA6R3E CHEMI-CON-ELZA6R3E Datasheet
345Kb / 2P
   Low impedance, Downsized, 105?
ELZA160E CHEMI-CON-ELZA160E Datasheet
345Kb / 2P
   Low impedance, Downsized, 105?
ELZA250E CHEMI-CON-ELZA250E Datasheet
345Kb / 2P
   Low impedance, Downsized, 105?
ELZA350E CHEMI-CON-ELZA350E Datasheet
345Kb / 2P
   Low impedance, Downsized, 105?
EMVE101GDA101MLH0S CHEMI-CON-EMVE101GDA101MLH0S Datasheet
64Kb / 2P
   Downsized, 105C
ELZA100E CHEMI-CON-ELZA100E Datasheet
345Kb / 2P
   Low impedance, Downsized, 105?
EKZE350ELL221MJC5S CHEMI-CON-EKZE350ELL221MJC5S Datasheet
70Kb / 3P
   Low impedance, 105C
EKZM100ELL152MH20D CHEMI-CON-EKZM100ELL152MH20D Datasheet
85Kb / 4P
   Low impedance, 105C
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com