Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM15HB121SN1 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # BLM15HB121SN1
Description  Chip Ferrite Bead for GHz Noise
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM15HB121SN1 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  BLM15HB121SN1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM15HB121SN1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM15HB121SN1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
3
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Inductor type) > Chip Ferrite Bead for GHz Noise
2012.9.6
oThis data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
Continued from the preceding page.
c Impedance-Frequency Characteristics
BLM15HD102SN1
1
10
100
1000
3000
Frequency (MHz)
0
500
1000
1500
2000
2500
R
X
Z
c Impedance-Frequency Characteristics
BLM15HD182SN1
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
4000
3000
2000
1000
c Impedance-Frequency Characteristics
BLM15HB121SN1
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
200
400
600
800
c Impedance-Frequency Characteristics
BLM15HB221SN1
1
10
100
1000
3000
Frequency (MHz)
Z
R
X
0
400
800
1200
200
600
1000
c !Caution/Notice
!Caution (Rating)
Do not use products beyond the rated current as
this may create excessive heat and deteriorate
the insulation resistance.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.


Similar Part No. - BLM15HB121SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15HB121SN1 MURATA-BLM15HB121SN1 Datasheet
2Mb / 88P
   EMI Suppression Filters
BLM15HB121SN1 MURATA-BLM15HB121SN1 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
BLM15HB121SN1 MURATA-BLM15HB121SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM15HB121SN1 MURATA-BLM15HB121SN1 Datasheet
182Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM15HB121SN1 MURATA-BLM15HB121SN1 Datasheet
187Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
More results

Similar Description - BLM15HB121SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18HE102SN1D MURATA-BLM18HE102SN1D Datasheet
228Kb / 6P
   EMIFILr (Inductor type) Chip Ferrite Bead for GHz Noise
BLM18EG101TN1D MURATA-BLM18EG101TN1D Datasheet
152Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM15HG601SN1 MURATA-BLM15HG601SN1 Datasheet
182Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM18EG221SN1D MURATA-BLM18EG221SN1D Datasheet
152Kb / 4P
   EMIFILr (Inductor type) Chip Ferrite Bead for GHz Noise
BLM15H MURATA-BLM15H Datasheet
187Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM18EG101TN1 MURATA-BLM18EG101TN1 Datasheet
146Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
logo
TAI-TECH Advanced Elect...
GHB1005 TAI-TECH-GHB1005 Datasheet
64Kb / 2P
   Ferrite Chip Bead for GHz Range Noise Suppression (Lead Free)
logo
Murata Manufacturing Co...
BLM18HG471SN1D MURATA-BLM18HG471SN1D Datasheet
228Kb / 6P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise BLM18H Series (0603 Size)
BLM18GG471SN1D MURATA-BLM18GG471SN1D Datasheet
44Kb / 2P
   EMIFIL (Inductor type) Chip Ferrite Bead for High-GHz Noise BLM18G Series (0603 Size)
logo
Socay Electornics Co., ...
SCGB1005S100FPF SOCAY-SCGB1005S100FPF Datasheet
241Kb / 7P
   Chip Ferrite Bead
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com