Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA0XH103E1NTB0 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # FSA0XH103E1NTB0
Description  NTC Thermistors
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSA0XH103E1NTB0 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  FSA0XH103E1NTB0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. FSA0XH103E1NTB0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. FSA0XH103E1NTB0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. FSA0XH103E1NTB0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. FSA0XH103E1NTB0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. FSA0XH103E1NTB0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. FSA0XH103E1NTB0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. FSA0XH103E1NTB0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. FSA0XH103E1NTB0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
o Part Numbering
qProduct ID
wSeries
yResistance Tolerance
uIndividual Specifications
NTC Thermistors for Temp. Sensor and Compensation Chip Type
NC
NTC Thermistors Chip Type
D
E
F
J
P
±0.5%
±3%
±1%
±5%
03
Individual Specifications
Product ID
Code
Code
Series
Resistance Tolerance
Code
(Part Number)
tResistance
Expressed by three-digit alphanumerics. The unit is ohm (
Ω).
The first and second figures are significant digits, and the third
figure expresses the number of zeros which follow the two
figures. If there is a decimal point, it is expressed by the capital
letter "
R". In this case, all figures are significant digits.
Structures and others are expressed by two figures.
Please contact us for details.
102
103
104
Ex.
1k
10k
100k
Code
Resistance
Standard Type
iPackaging
RA
RB
RC
RL
Plastic Taping 4mm Pitch
Paper Taping 4mm Pitch
Paper Taping 2mm Pitch (10000 pcs.)
Paper Taping 2mm Pitch (15000 pcs.)
Code
Packaging
Plated Termination Series
eDimensions (LgW)
03
15
18
21
Code
Dimensions (LgW)
0.60g0.30mm
1.00g0.50mm
1.60g0.80mm
2.00g1.25mm
EIA
0201
0402
0603
0805
rTemperature Characteristics
WB
WD
WF
WL
WM
XC
XF
XH
XM
XQ
XV
XW
Code
Temperature Characteristics
Nominal B-Constant 4050e4099K
Nominal B-Constant 4150e4199K
Nominal B-Constant 4250e4299K
Nominal B-Constant 4450e4499K
Nominal B-Constant 4500e4549K
Nominal B-Constant 3100e3149K
Nominal B-Constant 3250e3299K
Nominal B-Constant 3350e3399K
Nominal B-Constant 3500e3549K
Nominal B-Constant 3650e3699K
Nominal B-Constant 3900e3949K
Nominal B-Constant 3950e3999K
y
J
e
18
w
P
r
XH
t
103
u
03
i
RB
NC
q
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
R44E.pdf
10.2.22


Similar Part No. - FSA0XH103E1NTB0

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FSA001G300SC1T AXIOMTEK-FSA001G300SC1T Datasheet
126Kb / 1P
   Flash SATA Disk /mSATA SATA 3 SLC,MLC
FSA001G301SC1T AXIOMTEK-FSA001G301SC1T Datasheet
163Kb / 1P
   Flash SATA Disk/mSATA Mini SATA 3 SLC, MLC
FSA002G300SC1T AXIOMTEK-FSA002G300SC1T Datasheet
126Kb / 1P
   Flash SATA Disk /mSATA SATA 3 SLC,MLC
FSA002G301SC1T AXIOMTEK-FSA002G301SC1T Datasheet
163Kb / 1P
   Flash SATA Disk/mSATA Mini SATA 3 SLC, MLC
FSA004G300SC1T AXIOMTEK-FSA004G300SC1T Datasheet
126Kb / 1P
   Flash SATA Disk /mSATA SATA 3 SLC,MLC
More results

Similar Description - FSA0XH103E1NTB0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com