Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZG05C47TR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BZG05C47TR
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZG05C47TR Datasheet(HTML) 1 Page - Vishay Siliconix

  BZG05C47TR Datasheet HTML 1Page - Vishay Siliconix BZG05C47TR Datasheet HTML 2Page - Vishay Siliconix BZG05C47TR Datasheet HTML 3Page - Vishay Siliconix BZG05C47TR Datasheet HTML 4Page - Vishay Siliconix BZG05C47TR Datasheet HTML 5Page - Vishay Siliconix BZG05C47TR Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BZG05C-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 29-Nov-11
1
Document Number: 85595
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Zener Diodes
FEATURES
• High reliability
• Voltage range 3.3 V to 100 V
• Fits onto 5 mm SMD footpads
• Wave and reflow solderable
•AEC-101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
APPLICATIONS
• Voltage stabilization
PRIMARY CHARACTERISTICS
PARAMETER
VALUE
UNIT
VZ range nom.
3.3 to 100
V
Test current IZT
2.7 to 80
mA
VZ specification
Pulse current
Int. construction
Single
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
MINIMUM ORDER QUANTITY
BZG05C-series
BZG05C-series-TR
1500 per 7" reel
BZG05C-series
BZG05C-series-TR3
6000 per 13" reel
6000/box
PACKAGE
PACKAGE NAME
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING
CONDITIONS
DO-214AC
77 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Power dissipation
RthJA < 30 K/W, Tamb = 60 °C
Ptot
3000
mW
RthJA < 100 K/W, Tamb = 25 °C
Ptot
1250
mW
Non repetitive peak surge power
dissipation
tp = 100 μs sq.pulse, Tj = 25 °C
prior to surge
PZSM
60
W
Junction to lead
RthJL
30
K/W
Junction to ambient air
Mounted on epoxy-glass hard tissue,
fig. 1a
RthJA
150
K/W
Mounted on epoxy-glass hard tissue,
fig. 1b
RthJA
125
K/W
Mounted on Al-oxid-ceramic (Al2O3),
fig. 1b
RthJA
100
K/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Forward voltage (max.)
IF = 0.2 A
VF
1.2
V


Similar Part No. - BZG05C47TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZG05C47 VISHAY-BZG05C47 Datasheet
64Kb / 4P
   Silicon Z-Diodes
Rev. 6, 01-Apr-99
BZG05C47 VISHAY-BZG05C47 Datasheet
134Kb / 5P
   Zener Diodes
Rev. 1.9, 23-Jan-06
BZG05C47 VISHAY-BZG05C47 Datasheet
84Kb / 5P
   Zener Diodes
Rev. 2.1, 29-Nov-11
logo
Shenzhen Luguang Electr...
BZG05C47 LUGUANG-BZG05C47 Datasheet
551Kb / 3P
   Surface Mount Zener Diodes
logo
Vishay Siliconix
BZG05C47-M VISHAY-BZG05C47-M Datasheet
104Kb / 5P
   Zener Diodes
Rev. 1.2, 11-Sep-2019
More results

Similar Description - BZG05C47TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com