Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F931-GM Datasheet(PDF) 2 Page - Silicon Laboratories

Part # C8051F931-GM
Description  Single/Dual Battery, 0.9-3.6 V, 32 kB, smaRTClock, 10-Bit ADC MCU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F931-GM Datasheet(HTML) 2 Page - Silicon Laboratories

  C8051F931-GM Datasheet HTML 1Page - Silicon Laboratories C8051F931-GM Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Low-Voltage/Low-Power
Copyright © 2008 by Silicon Laboratories
11.11.2008
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
C8051F920
Single/Dual Battery, 0.9-3.6 V, 32 kB, smaRTClock, 10-Bit ADC MCU
Selected Electrical Specifications
(At 25 C°)
Parameter
Conditions
Min
Typ
Max
Units
Supply Input Voltage
two-cell mode
one-cell mode
DC-DC converter disabled
1.8
3.6
V
DC-DC converter enabled
0.9
1.8
V
DC-DC Boost Converter Output
Power (VOUT = 1.8–3.3 V)
Includes on and off-chip current
65
mW
Supply Current with CPU Active
VDD = 1.8–3.6 V
Clock = 24.5 MHz
(±2% internal precision oscillator)
—4.1
mA
Supply Current (shutdown)
(VBAT = 1.8 V)
Sleep mode; smaRTClock off
50
nA
Sleep mode; smaRTClock running
0.6
µA
Clock Frequency Range
DC
25
MHz
Wakeup Time
two-cell mode
2
µs
one-cell mode
10
µs
Internal Oscillator
Frequency
Precision oscillator
24
24.5
25
MHz
Low power oscillator
18
20
22
MHz
A/D Converter
Resolution
10
bits
Throughput Rate
300
ksps
Package Information: 32-Pin QFN
7 x e
Bottom View
E
8
5
4
3
2
1
6
7
17
18
20
23
24
22
21
19
E2
L
E2 / 2
e
Side View
E / 2
MM
MIN
TYP
MAX
A
0.80
0.9
1.00
A1
0.00
0.02
0.05
A2
0
0.65
1.00
A3
0.25
b
0.18
0.25
0.30
D
5.00
D2
1.25
2.70
3.25
E
5.00
E2
1.25
2.70
3.25
e
0.50
L
0.30
0.40
0.50
N—
32
ND
8
NE
8
R0.09
Package Information: 32-Pin LQFP
MM
MIN
TYP
MAX
MIN
TYP
MAX
A
1.60
E
9.00 BSC
A1
0.05
0.15
E1
7.00 BSC
A2
1.35
1.40
1.45
L
0.45
0.60
0.75
b
0.30
0.37
0.45
aaa
0.20
c
0.09
0.20
bbb
0.20
D
9.00 BSC
ccc
0.10
D1
7.00 BSC
ddd
0.20
e
0.80 BSC
3.5°
C8051F9xx Product Family
Device Part #
Package
Flash Size
RAM Size
C8051F930-GQ
32-pin LQFP
64 kB
4 kB
C8051F930-GM
32-pin QFN
64 kB
4 kB
C8051F931-GM
24-pin QFN
64 kB
4 kB
C8051F920-GQ
32-pin LQFP
32 kB
4 kB
C8051F920-GM
32-pin QFN
32 kB
4 kB
C8051F921-GM
24-pin QFN
32 kB
4 kB


Similar Part No. - C8051F931-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F931-GM SILABS-C8051F931-GM Datasheet
2Mb / 330P
   Pipelined intstruction architecture executes 70 of instruction in 1 or 2 system clocks
More results

Similar Description - C8051F931-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F91X SILABS-C8051F91X Datasheet
2Mb / 318P
   Single/Dual Battery,0.9-3.6 V, 16-8 kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F930-G-GM SILABS-C8051F930-G-GM Datasheet
4Mb / 351P
   Single/Dual Battery, 0.9??.6 V, 64/32 kB, SmaRTClock, 10-Bit ADC MCU
C8051F912-D-GM SILABS-C8051F912-D-GM Datasheet
4Mb / 335P
   Single/Dual Battery, 0.9??.6 V, 16?? kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F41X SILABS-C8051F41X Datasheet
524Kb / 2P
   2.0 V, 32/16 kB, smaRTClock, 12-Bit ADC MCU
C8051F410 SILABS-C8051F410 Datasheet
3Mb / 270P
   2.0 V, 32/16 kB Flash, smaRTClock, 12-bit ADC
C8051F410-GQR SILABS-C8051F410-GQR Datasheet
1Mb / 270P
   2.0 V, 32/16 kB Flash, smaRTClock, 12-bit ADC
C8051F012 SILABS-C8051F012 Datasheet
166Kb / 2P
   20 MIPS, 32 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F017 SILABS-C8051F017 Datasheet
166Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F312 SILABS-C8051F312 Datasheet
172Kb / 2P
   25 MIPS, 8 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F011 SILABS-C8051F011 Datasheet
168Kb / 2P
   20 MIPS, 32 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com