Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMVY350ADA101MHA0G Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EMVY350ADA101MHA0G
Description  Snap Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMVY350ADA101MHA0G Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EMVY350ADA101MHA0G Datasheet HTML 1Page - United Chemi-Con, Inc. EMVY350ADA101MHA0G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Low impedance, 105C
CAT. No. E1001E
@Expand up to F18 case size
@Expand up to 100Vdc
@Low impedance, 105C 1000 to 5000-hours-life
@For digital equipment, especially DC-DC converters and VRM
@Solvent-proof type except 80 & 100Vdc (see PRECAUTIONS AND GUIDELINES)
@Pb-free design
lower Z
size extended
MVY
lower Z
lower Z
MVK
MVZ
MZA
?SPECIFICATIONS
(at 20C, 120Hz)
(at 20C after 2 minutes)
(at 20C, 120Hz)
(at 120Hz)
D55 to F80 : 1000 hours
HA0 & JA0
: 2000 hours
KE0 to MN0 : 5000 hours
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-55 to +105C (6.3 to 63Vdc)
-40 to +105C (80 & 100Vdc)
6.3 to 100Vdc
P20% (M)
I=0.01CV or 3MA, whichever is greater.
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
Rated voltage (Vdc)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for specified
time at 105C.
Time
Rated voltage
6.3Vdc (D55 to JA0)
6.3 to 100Vdc
Capacitance change
[P30% of the initial value
[P20% of the initial value
D.F. (tanE)
[300% of the initial specified value [200% of the initial specified value
Leakage current
[The initial specified value
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 105C without
voltage applied.
Rated voltage
6.3Vdc (D55 to JA0)
6.3 to 100Vdc
Capacitance change
[P30% of the initial value
[P20% of the initial value
D.F. (tanE)
[300% of the initial specified value [200% of the initial specified value
Leakage current
[The initial specified value
[The initial specified value
Characteristics
6.3V
0.24
0.28
0.26
6.3V
3
10
10V
0.20
0.24
0.22
10V
2
8
16V
0.16
0.20
0.18
16V
2
6
25V
0.14
0.16
0.16
25V
2
4
35V
0.12
0.14
0.14
35V
2
3
50V
0.12
0.12
0.12
50V
2
3
63V
-
-
0.14
63V
-
3
80V
-
-
0.10
80V
-
3
100V
-
-
0.10
100V
-
3
D55 to F80
HA0 & JA0
KE0 to MN0
D55 to JA0
KE0 to MN0
When nominal capacitance exceeds
1000MF, add 0.02 to the value above
for each 1000MF increase.
?PART NUMBERING SYSTEM
?DIMENSIONS [mm]
LP0.3 (Note)
0.3max.
AP0.2
W
Note : LP0.5 for HA0 to KG5
LP0.5
0.3max.
AP0.2
W
: Dummy terminals
?MARKING
7hY
100
6.3V
EX) 6.3V100MF
KE0 to MN0
D55 to JA0
MVY
0V
1000
16V
EX) 16V1000MF
Size code
D55
E55
F55
F80
HA0
JA0
KE0
KG5
LH0
LN0
MH0
MN0
FD
4
5
6.3
6.3
8
10
12.5
12.5
16
16
18
18
L
5.2
5.2
5.2
7.7
10.0
10.0
13.5
16.0
16.5
21.5
16.5
21.5
A
4.3
5.3
6.6
6.6
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
B
4.3
5.3
6.6
6.6
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
C
5.1
5.9
7.2
7.2
9.0
11.0
13.7
13.7
18.0
18.0
20.0
20.0
W
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
P
1.0
1.4
1.9
1.9
3.1
4.5
4.2
4.2
6.5
6.5
6.5
6.5
@Terminal Code : A
@Size code : D55 to KG5
@Terminal Code : G
@Size code : LH0 to MN0
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 4.7MF:4R7,10MF:100)
Taping·Tray code
Terminal code (A, G)
Voltage code (ex. 6.3V:6R3,10V:100,50V:500)
Series code
Category
E M V Y A A A A A A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "A guide to global code (surface mount type)"
(1/2)


Similar Part No. - EMVY350ADA101MHA0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMVY350ADA101MHA0G CHEMI-CON-EMVY350ADA101MHA0G Datasheet
54Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVY350ADA101MHA0G CHEMI-CON-EMVY350ADA101MHA0G Datasheet
410Kb / 2P
   Low impedance, 105?
More results

Similar Description - EMVY350ADA101MHA0G

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com