Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELXZ250ESS151MF15D Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # ELXZ250ESS151MF15D
Description  Low impedance, Downsized, 105C
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ELXZ250ESS151MF15D Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  ELXZ250ESS151MF15D Datasheet HTML 1Page - United Chemi-Con, Inc. ELXZ250ESS151MF15D Datasheet HTML 2Page - United Chemi-Con, Inc. ELXZ250ESS151MF15D Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Low impedance, Downsized, 105C
CAT. No. E1001K
@Adoption of innovative electrolyte and new technologies
@Very low impedance at high frequency
@Endurance with ripple current: 2,000 to 8,000 hours at 105C
@Solvent resistant type (see PRECAUTIONS AND GUIDELINES)
@RoHS Compliant
?SPECIFICATIONS
(at 20C, 120Hz)
(at 20C after 2 minutes)
(at 20C, 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Endurance
Shelf Life
Items
-55 to +105C
6.3 to 63Vdc
P20% (M)
I=0.01CV or 3MA, whichever is greater.
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
When nominal capacitance exceeds 1,000MF, add 0.02 to the value above for each 1,000MF increase.
The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated
ripple current is applied for the specified period of time at 105C.
Time
F5 & 6.3 : 2,000hours F8 : 3,000hours F10 : 5,000hours F12.5 : 7,000hours F16 & 18 : 8,000hours
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1,000 hours at 105C without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
Characteristics
6.3V
0.22
10V
0.19
16V
0.16
25V
0.14
35V
0.12
50V
0.10
63V
0.08
?DIMENSIONS [mm]
?PART NUMBERING SYSTEM
5
0.5
2.0
fD
fd
F
fD'
L'
6.3
0.5
2.5
8
0.6
3.5
12.5
0.6
5.0
16
0.8
7.5
18
0.8
7.5
10
0.6
5.0
FD+0.5max.
L+1.5max.
L'
15min.
4min.
Vent
(Except F5 & F6.3)
Sleeve (PET : Dark blue)
(F5 to F10)
(F12.5 to F18)
Gas escape end seal
Lower Z
Downsized
LXZ
Lower Z
LXY
LXV
@Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 150MF:151, 2,200MF:222)
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3, 25V:250, 50V:500)
Series code
Category
E L X Z A A A E A A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "Product code guide (radial lead type)"
(1/3)


Similar Part No. - ELXZ250ESS151MF15D

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXZ250ESS151MF15D CHEMI-CON-ELXZ250ESS151MF15D Datasheet
61Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ELXZ250ESS151MF15D CHEMI-CON-ELXZ250ESS151MF15D Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
More results

Similar Description - ELXZ250ESS151MF15D

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXZ250ELL471MJ16S CHEMI-CON-ELXZ250ELL471MJ16S Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
ELXZ350ELL221MJC5S CHEMI-CON-ELXZ350ELL221MJC5S Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
ELZA6R3E CHEMI-CON-ELZA6R3E Datasheet
345Kb / 2P
   Low impedance, Downsized, 105?
ELZA160E CHEMI-CON-ELZA160E Datasheet
345Kb / 2P
   Low impedance, Downsized, 105?
ELZA250E CHEMI-CON-ELZA250E Datasheet
345Kb / 2P
   Low impedance, Downsized, 105?
ELZA350E CHEMI-CON-ELZA350E Datasheet
345Kb / 2P
   Low impedance, Downsized, 105?
EMVE101GDA101MLH0S CHEMI-CON-EMVE101GDA101MLH0S Datasheet
64Kb / 2P
   Downsized, 105C
ELZA100E CHEMI-CON-ELZA100E Datasheet
345Kb / 2P
   Low impedance, Downsized, 105?
EKZE350ELL221MJC5S CHEMI-CON-EKZE350ELL221MJC5S Datasheet
70Kb / 3P
   Low impedance, 105C
EKZM100ELL152MH20D CHEMI-CON-EKZM100ELL152MH20D Datasheet
85Kb / 4P
   Low impedance, 105C
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com