Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZG05C3V9TR3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BZG05C3V9TR3
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZG05C3V9TR3 Datasheet(HTML) 2 Page - Vishay Siliconix

  BZG05C3V9TR3 Datasheet HTML 1Page - Vishay Siliconix BZG05C3V9TR3 Datasheet HTML 2Page - Vishay Siliconix BZG05C3V9TR3 Datasheet HTML 3Page - Vishay Siliconix BZG05C3V9TR3 Datasheet HTML 4Page - Vishay Siliconix BZG05C3V9TR3 Datasheet HTML 5Page - Vishay Siliconix BZG05C3V9TR3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BZG05C-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 29-Nov-11
2
Document Number: 85595
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE RANGE
TEST CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1 ZZK at IZT2
TCVZ at IZT1
V
mA
mA
μA
V
Ω
%/K
MIN.
NOM.
MAX.
MAX.
MAX.
MAX.
MIN.
MAX.
BZG05C3V3
3.1
3.3
3.5
80
1
40
1
20
400
- 0.08
- 0.05
BZG05C3V6
3.4
3.6
3.8
60
1
20
1
20
500
- 0.08
- 0.05
BZG05C3V9
3.7
3.9
4.1
60
1
10
1
15
500
- 0.07
- 0.02
BZG05C4V3
4
4.3
4.6
50
1
3
1
13
500
- 0.07
- 0.01
BZG05C4V7
4.4
4.7
5
45
1
3
1
13
600
- 0.03
0.04
BZG05C5V1
4.8
5.1
5.4
45
1
1
1.5
10
500
- 0.01
0.04
BZG05C5V6
5.2
5.6
6
45
1
1
2
7
400
0
0.045
BZG05C6V2
5.8
6.2
6.6
35
1
1
3
4
300
0.01
0.055
BZG05C6V8
6.4
6.8
7.2
35
1
1
4
3.5
300
0.015
0.06
BZG05C7V5
7
7.5
7.9
35
0.5
1
4.5
3
200
0.02
0.065
BZG05C8V2
7.7
8.2
8.7
25
0.5
1
6.2
5
200
0.03
0.07
BZG05C9V1
8.5
9.1
9.6
25
0.5
1
6.8
5
200
0.035
0.075
BZG05C10
9.4
10
10.6
25
0.5
0.5
7
7
200
0.04
0.08
BZG05C11
10.4
11
11.6
20
0.5
0.5
8.2
8
300
0.045
0.08
BZG05C12
11.4
12
12.7
20
0.5
0.5
9.1
9
350
0.045
0.085
BZG05C13
12.4
13
14.1
20
0.5
0.5
10
10
400
0.05
0.085
BZG05C15
13.8
15
15.6
15
0.5
0.5
11
15
500
0.055
0.09
BZG05C16
15.3
16
17.1
15
0.5
0.5
12
15
500
0.055
0.09
BZG05C18
16.8
18
19.1
15
0.5
0.5
13
20
500
0.06
0.09
BZG05C20
18.8
20
21.2
10
0.5
0.5
15
24
600
0.06
0.09
BZG05C22
20.8
22
23.3
10
0.5
0.5
16
25
600
0.06
0.095
BZG05C24
22.8
24
25.6
10
0.5
0.5
18
25
600
0.06
0.095
BZG05C27
25.1
27
28.9
8
0.25
0.5
20
30
750
0.06
0.095
BZG05C30
28
30
32
8
0.25
0.5
22
30
1000
0.06
0.095
BZG05C33
31
33
35
8
0.25
0.5
24
35
1000
0.06
0.095
BZG05C36
34
36
38
8
0.25
0.5
27
40
1000
0.06
0.095
BZG05C39
37
39
41
6
0.25
0.5
30
50
1000
0.06
0.095
BZG05C43
40
43
46
6
0.25
0.5
33
50
1000
0.06
0.095
BZG05C47
44
47
50
4
0.25
0.5
36
90
1500
0.06
0.095
BZG05C51
48
51
54
4
0.25
0.5
39
115
1500
0.06
0.095
BZG05C56
52
56
60
4
0.25
0.5
43
120
2000
0.06
0.095
BZG05C62
58
62
66
4
0.25
0.5
47
125
2000
0.06
0.095
BZG05C68
64
68
72
4
0.25
0.5
51
130
2000
0.06
0.095
BZG05C75
70
75
79
4
0.25
0.5
56
135
2000
0.06
0.095
BZG05C82
77
82
87
2.7
0.25
0.5
62
200
3000
0.06
0.095
BZG05C91
85
91
96
2.7
0.25
0.5
68
250
3000
0.06
0.095
BZG05C100
95
100
106
2.7
0.25
0.5
75
350
3000
0.06
0.095


Similar Part No. - BZG05C3V9TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZG05C3V9 VISHAY-BZG05C3V9 Datasheet
64Kb / 4P
   Silicon Z-Diodes
Rev. 6, 01-Apr-99
BZG05C3V9 VISHAY-BZG05C3V9 Datasheet
134Kb / 5P
   Zener Diodes
Rev. 1.9, 23-Jan-06
BZG05C3V9 VISHAY-BZG05C3V9 Datasheet
84Kb / 5P
   Zener Diodes
Rev. 2.1, 29-Nov-11
logo
SUNMATE electronic Co.,...
BZG05C3V9 SUNMATE-BZG05C3V9 Datasheet
427Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
BZG05C3V9 LUGUANG-BZG05C3V9 Datasheet
551Kb / 3P
   Surface Mount Zener Diodes
More results

Similar Description - BZG05C3V9TR3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com