Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMVE350ADA151MHA0G Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EMVE350ADA151MHA0G
Description  Downsized, 105C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMVE350ADA151MHA0G Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EMVE350ADA151MHA0G Datasheet HTML 1Page - United Chemi-Con, Inc. EMVE350ADA151MHA0G Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Downsized, 105C
CAT. No. E1001K
@Rated voltage range : 6.3 to 450V, capacitance range : 1.0 to 6,800MF
@Endurance : 1,000 to 2,000 hours at 105C
@Case size range : F4B5.2L to F18B21.5L
@Solvent resistant type except 100 to 450Vdc (see PRECAUTIONS AND GUIDELINES)
@RoHS Compliant
?SPECIFICATIONS
?DIMENSIONS [mm]
(20C, 120Hz)
(20C)
(20C, 120Hz)
(120Hz)
[P20% of the initial value
[200% of the initial specified value
[The initial specified value
2,000 hours
[P20% of the initial value
[200% of the initial specified value
[The initial specified value
-40 to +105C
6.3 to 450Vdc
P20%(M)
Rated voltage(Vdc)
D55 to JA0
I=0.01CV or 3MA, whichever is greater (2 minutes)
KE0 to MN0
I=0.03CV or 4MA, whichever is greater (1 minute)
I=0.04CV+100MA (1minute)
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
See STANDARD RATINGS
Rated voltage (Vdc)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for the specified
period of time at 105C.
Size code
Time
1,000 hours
Capacitance change
[P30% of the initial value
D.F. (tanE)
[300% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1,000 hours (500 hours
for B55 to F80 size) at 105C without voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage
according to Item 4.1 of JIS C 5101-4.
Size code
Capacitance change
[P25% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
6.3V
4
12
5
10
10V
3
8
4
8
16V
2
6
3
6
25V
2
4
2
4
35V
2
3
2
3
50V
2
3
2
3
63V
2
3
2
3
160 to 250V
-
-
3
6
400 to 450V
-
-
6
10
100V
3
4
2
3
6.3 to 100V
160 to 450V
-
D55 to JA0
KE0 to MN0
D55 to F80
HA0 to MN0
D55 to F80
HA0 to MN0
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
Characteristics
LP0.3 (Note)
0.3max.
AP0.2
W
Note : LP0.5 for HA0 to MN0
LP0.5
0.3max.
AP0.2
W
: Dummy terminals
?PART NUMBERING SYSTEM
Longer life
MVE
MVL
MVJ
?MARKING
7hE
22
16V
Ex)16V22MF
MVE
0V
1000
25V
Ex)25V1,000MF
D55 to JA0
KE0 to MN0
Size code
D55
E55
F55
F80
HA0
JA0
KE0
KG5
LH0
LN0
MH0
MN0
D
4
5
6.3
6.3
8
10
12.5
12.5
16
16
18
18
L
5.2
5.2
5.2
7.7
10.0
10.0
13.5
16.0
16.5
21.5
16.5
21.5
A
4.3
5.3
6.6
6.6
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
B
4.3
5.3
6.6
6.6
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
C
5.1
5.9
7.2
7.2
9.0
11.0
13.7
13.7
18.0
18.0
20.0
20.0
W
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
P
1.0
1.4
1.9
1.9
3.1
4.5
4.2
4.2
6.5
6.5
6.5
6.5
@Terminal Code : A
@Size code : D55 to MN0
@Terminal Code : G
@Size code : LH0 to MN0
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 4.7MF:4R7,100MF:101)
Taping·Tray code
Terminal code (A, G)
Voltage code (ex. 6.3V:6R3,100V:101,450V:451)
Series code
Category
E M V E A A A A A A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "Product code guide (surface mount type)"
(1/2)


Similar Part No. - EMVE350ADA151MHA0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMVE350ADA151MHA0G CHEMI-CON-EMVE350ADA151MHA0G Datasheet
58Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EMVE350ADA151MHA0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ELXZ250ELL471MJ16S CHEMI-CON-ELXZ250ELL471MJ16S Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
ELXZ160ELL471MJC5S CHEMI-CON-ELXZ160ELL471MJC5S Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
ELXZ350ELL221MJC5S CHEMI-CON-ELXZ350ELL221MJC5S Datasheet
68Kb / 3P
   Low impedance, Downsized, 105C
EKMG500E CHEMI-CON-EKMG500E Datasheet
419Kb / 3P
   Standard, Downsized, 105?
EKMG160E CHEMI-CON-EKMG160E Datasheet
419Kb / 3P
   Standard, Downsized, 105?
EKMG101E CHEMI-CON-EKMG101E Datasheet
419Kb / 3P
   Standard, Downsized, 105?
EKMG250E CHEMI-CON-EKMG250E Datasheet
419Kb / 3P
   Standard, Downsized, 105?
EKMG350E CHEMI-CON-EKMG350E Datasheet
419Kb / 3P
   Standard, Downsized, 105?
EKMG6R3E CHEMI-CON-EKMG6R3E Datasheet
419Kb / 3P
   Standard, Downsized, 105?
EKMG351E CHEMI-CON-EKMG351E Datasheet
419Kb / 3P
   Standard, Downsized, 105?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com