Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8442BB-D-IS Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI8442BB-D-IS
Description  LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8442BB-D-IS Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI8442BB-D-IS Datasheet HTML 7Page - Silicon Laboratories SI8442BB-D-IS Datasheet HTML 8Page - Silicon Laboratories SI8442BB-D-IS Datasheet HTML 9Page - Silicon Laboratories SI8442BB-D-IS Datasheet HTML 10Page - Silicon Laboratories SI8442BB-D-IS Datasheet HTML 11Page - Silicon Laboratories SI8442BB-D-IS Datasheet HTML 12Page - Silicon Laboratories SI8442BB-D-IS Datasheet HTML 13Page - Silicon Laboratories SI8442BB-D-IS Datasheet HTML 14Page - Silicon Laboratories SI8442BB-D-IS Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Si8440/41/42/45
Rev. 1.5
11
Si844xBx
Maximum Data Rate
0
150
Mbps
Minimum Pulse Width
6.0
ns
Propagation Delay
tPHL, tPLH
See Figure 2
3.0
6.0
9.5
ns
Pulse Width Distortion
|tPLH - tPHL|
PWD
See Figure 2
1.5
2.5
ns
Propagation Delay Skew2
tPSK(P-P)
—2.0
3.0
ns
Channel-Channel Skew
tPSK
—0.5
1.8
ns
All Models
Output Rise Time
tr
CL =15pF
See Figure 2
—4.3
6.1
ns
Output Fall Time
tf
CL =15pF
See Figure 2
—3.0
4.3
ns
Common Mode Transient
Immunity at Logic Low Output
CMTI
VI =VDD or 0 V
25
kV/µs
Enable to Data Valid3
ten1
See Figure 1
5.0
8.0
ns
Enable to Data Tri-State3
ten2
See Figure 1
7.0
9.2
ns
Start-up Time3,4
tSU
—15
40
µs
Table 4. Electrical Characteristics (Continued)
(VDD1 = 3.3 V ±10%, VDD2 = 3.3 V ±10%, TA = –40 to 125 ºC; applies to narrow and wide-body SOIC packages)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. The nominal output impedance of an isolator driver channel is approximately 85
, ±40%, which is a combination of the
value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads
where transmission line effects will be a factor, output pins should be appropriately terminated with controlled
impedance PCB traces.
2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at
the same supply voltages, load, and ambient temperature.
3. See "3. Errata and Design Migration Guidelines" on page 25 for more details.
4. Start-up time is the time period from the application of power to valid data at the output.


Similar Part No. - SI8442BB-D-IS

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI8442BA-D-IS1 SILICONIMAGE-SI8442BA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
Si8442BA-D-IU SILABS-Si8442BA-D-IU Datasheet
1Mb / 32P
   FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8442BA-D-IU SKYWORKS-SI8442BA-D-IU Datasheet
991Kb / 31P
   FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
More results

Similar Description - SI8442BB-D-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8441AA ETC2-SI8441AA Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
STMicroelectronics
SI8641BD-B-IS STMICROELECTRONICS-SI8641BD-B-IS Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon image
SI8442BA-D-IS1 SILICONIMAGE-SI8442BA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7142CC-Q1 TI1-ISO7142CC-Q1 Datasheet
998Kb / 26P
[Old version datasheet]   Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7142CC TI-ISO7142CC_15 Datasheet
954Kb / 26P
[Old version datasheet]   VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com