Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si4730-D60-GU2 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # Si4730-D60-GU2
Description  BROADCAST AM/FM/SW/LW RADIO RECEIVER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4730-D60-GU2 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button Si4730-D60-GU2 Datasheet HTML 3Page - Silicon Laboratories Si4730-D60-GU2 Datasheet HTML 4Page - Silicon Laboratories Si4730-D60-GU2 Datasheet HTML 5Page - Silicon Laboratories Si4730-D60-GU2 Datasheet HTML 6Page - Silicon Laboratories Si4730-D60-GU2 Datasheet HTML 7Page - Silicon Laboratories Si4730-D60-GU2 Datasheet HTML 8Page - Silicon Laboratories Si4730-D60-GU2 Datasheet HTML 9Page - Silicon Laboratories Si4730-D60-GU2 Datasheet HTML 10Page - Silicon Laboratories Si4730-D60-GU2 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Si4730/31/34/35-D60
Rev. 1.1
7
Low Level Input Current3
IIL
VIN =0V,
VD =3.6 V
–10
10
µA
High Level Output Voltage4
VOH
IOUT = 500 µA
0.8 x VD
——
V
Low Level Output Voltage4
VOL
IOUT = –500 µA
0.2 x VD
V
Table 2. DC Characteristics (Continued)
(VA = 2.7 to 5.5 V, VD = 1.62 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
Guaranteed by characterization.
2.
Backwards compatible mode to rev B and rev C. Additional features on this device may increase typical supply current.
3.
For input pins SCLK, SEN, SDIO, RST, RCLK, DCLK, DFS, GPO1, GPO2, and GPO3.
4.
For output pins SDIO, DOUT, GPO1, GPO2, and GPO3.


Similar Part No. - Si4730-D60-GU2

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si4730-D60-GU2 SILABS-Si4730-D60-GU2 Datasheet
1Mb / 42P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
More results

Similar Description - Si4730-D60-GU2

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4730-D60-GU SILABS-SI4730-D60-GU Datasheet
1Mb / 42P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D60 SKYWORKS-SI4730-D60 Datasheet
503Kb / 40P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
Revision 1.0 to Revision 1.1
logo
Silicon Laboratories
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com