Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTP230N075T2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTP230N075T2
Description  TrenchT2TM Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP230N075T2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXTP230N075T2 Datasheet HTML 1Page - IXYS Corporation IXTP230N075T2 Datasheet HTML 2Page - IXYS Corporation IXTP230N075T2 Datasheet HTML 3Page - IXYS Corporation IXTP230N075T2 Datasheet HTML 4Page - IXYS Corporation IXTP230N075T2 Datasheet HTML 5Page - IXYS Corporation IXTP230N075T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2008 IXYS CORPORATION, All rights reserved
IXTA230N075T2
IXTP230N075T2
Fig. 14. Resistive Turn-on
Rise Time vs. Drain Current
10
11
12
13
14
15
16
17
18
19
20
21
22
110 120 130 140 150 160 170 180 190 200 210 220 230
ID - Amperes
TJ = 25ºC
TJ = 125ºC
RG = 2Ω
VGS = 10V
VDS = 38V
Fig. 15. Resistive Turn-on
Switching Times vs. Gate Resistance
5
10
15
20
25
30
35
40
45
50
2
4
6
8
10
12
14
16
RG - Ohms
10
15
20
25
30
35
40
45
50
55
t r
td(on) - - - -
TJ = 125ºC, VGS = 10V
VDS = 38V
I D = 230A, 115A
Fig. 16. Resistive Turn-off
Switching Times vs. Junction Temperature
10
12
14
16
18
20
22
24
26
28
30
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
15
20
25
30
35
40
45
50
55
60
65
t f
td(off) - - - -
RG = 2Ω, VGS = 10V
VDS = 38V
I D = 115A
I D = 230A
Fig. 17. Resistive Turn-off
Switching Times vs. Drain Current
10
12
14
16
18
20
22
24
26
110 120 130 140 150 160 170 180 190 200 210 220 230
ID - Amperes
20
25
30
35
40
45
50
55
60
t f
td(off) - - - -
RG = 2Ω, VGS = 10V
VDS = 38V
TJ = 25ºC
TJ = 125ºC
Fig. 13. Resistive Turn-on
Rise Time vs. Junction Temperature
10
12
14
16
18
20
22
24
26
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 2Ω
VGS = 10V
VDS = 38V
I D = 115A
I D = 230A
Fig. 18. Resistive Turn-off
Switching Times vs. Gate Resistance
0
40
80
120
160
200
240
280
24
68
10
12
14
16
RG - Ohms
0
40
80
120
160
200
240
280
t f
td(off) - - - -
TJ = 125ºC, VGS = 10V
VDS = 38V
I D = 230A
I D = 115A


Similar Part No. - IXTP230N075T2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP230N075T2 ISC-IXTP230N075T2 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP230N075T2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH260N055T2 IXYS-IXTH260N055T2 Datasheet
172Kb / 6P
   TrenchT2TM Power MOSFET
IXTA100N04T2 IXYS-IXTA100N04T2 Datasheet
209Kb / 6P
   Preliminary Technical Information TrenchT2TM Power MOSFET
IXTA170N075T2 IXYS-IXTA170N075T2 Datasheet
208Kb / 6P
   Preliminary Technical Information TrenchT2TM Power MOSFET
IXTA260N055T2-7 IXYS-IXTA260N055T2-7 Datasheet
140Kb / 6P
   Preliminary Technical Information TrenchT2TM Power MOSFET N-Channel Enhancement Mode
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com