Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUBW50-17T8 Datasheet(PDF) 4 Page - IXYS Corporation

Part # MUBW50-17T8
Description  Converter - Brake - Inverter Module with Trench IGBT technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MUBW50-17T8 Datasheet(HTML) 4 Page - IXYS Corporation

  MUBW50-17T8 Datasheet HTML 1Page - IXYS Corporation MUBW50-17T8 Datasheet HTML 2Page - IXYS Corporation MUBW50-17T8 Datasheet HTML 3Page - IXYS Corporation MUBW50-17T8 Datasheet HTML 4Page - IXYS Corporation MUBW50-17T8 Datasheet HTML 5Page - IXYS Corporation MUBW50-17T8 Datasheet HTML 6Page - IXYS Corporation MUBW50-17T8 Datasheet HTML 7Page - IXYS Corporation MUBW50-17T8 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 2009 IXYS All rights reserved
4 - 8
20090826a
MUBW 50-17 T8
IXYS reserves the right to change limits, test conditions and dimensions.
Temperature Sensor NTC
Symbol
Conditions
Characteristic Values
min.
typ.
max.
R
25
B
25/50
T=25°C
4.75
5.0
3375
5.25
kΩ
K
Module
Symbol
Conditions
Maximum Ratings
T
VJ
T
JM
T
stg
operating
-40...+125
+150
-40...+125
°C
°C
°C
V
ISO
I
ISOL <1mA;50/60Hz;1min.
3400
V~
M
d
Mountingtorque(M5)
3-6
Nm
Symbol
Conditions
Characteristic Values
min.
typ.
max.
R
therm-chip
Resistanceterminaltochip
7
m
W
d
S
d
A
Creepagedistanceonsurface
Strikedistanceinair
12.7
9.6
mm
mm
R
thCH
withheatsinkcompound
0.02
K/W
Weight
300
g
Dimensions in mm (1 mm = 0.0394")


Similar Part No. - MUBW50-17T8

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MUBW50-12A8 IXYS-MUBW50-12A8 Datasheet
115Kb / 4P
   Converter - Brake - Inverter Module
MUBW50-12E8 IXYS-MUBW50-12E8 Datasheet
91Kb / 4P
   Converter - Brake - Inverter Module
MUBW50-12T8 IXYS-MUBW50-12T8 Datasheet
248Kb / 7P
   Converter - Brake - Inverter Module with Trench IGBT technology
More results

Similar Description - MUBW50-17T8

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MUBW15-12T7 IXYS-MUBW15-12T7 Datasheet
96Kb / 4P
   Converter - Brake - Inverter Module with Trench IGBT technology
MUBW75-17T8 IXYS-MUBW75-17T8 Datasheet
329Kb / 8P
   Converter - Brake - Inverter Module with Trench IGBT technology
MUBW75-12T8 IXYS-MUBW75-12T8 Datasheet
265Kb / 7P
   Converter - Brake - Inverter Module with Trench IGBT technology
MUBW50-12T8 IXYS-MUBW50-12T8 Datasheet
248Kb / 7P
   Converter - Brake - Inverter Module with Trench IGBT technology
MUBW25-12T7 IXYS-MUBW25-12T7 Datasheet
96Kb / 4P
   Converter - Brake - Inverter Module with Trench IGBT technology
MITA15WB1200TMH IXYS-MITA15WB1200TMH Datasheet
158Kb / 4P
   Converter - Brake - Inverter Module Trench IGBT
MITB15WB1200TMH IXYS-MITB15WB1200TMH Datasheet
203Kb / 8P
   Converter - Brake - Inverter Module Low Loss Trench IGBT
MITB10WB1200TMH IXYS-MITB10WB1200TMH Datasheet
204Kb / 8P
   Converter - Brake - Inverter Module Low Loss Trench IGBT
MIAA10WE600TMH IXYS-MIAA10WE600TMH Datasheet
269Kb / 8P
   Converter - Brake - Inverter Module NPT IGBT
MIAA20WB600TMH IXYS-MIAA20WB600TMH Datasheet
235Kb / 8P
   Converter - Brake - Inverter Module NPT IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com