Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUBW50-17T8 Datasheet(PDF) 2 Page - IXYS Corporation

Part # MUBW50-17T8
Description  Converter - Brake - Inverter Module with Trench IGBT technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MUBW50-17T8 Datasheet(HTML) 2 Page - IXYS Corporation

  MUBW50-17T8 Datasheet HTML 1Page - IXYS Corporation MUBW50-17T8 Datasheet HTML 2Page - IXYS Corporation MUBW50-17T8 Datasheet HTML 3Page - IXYS Corporation MUBW50-17T8 Datasheet HTML 4Page - IXYS Corporation MUBW50-17T8 Datasheet HTML 5Page - IXYS Corporation MUBW50-17T8 Datasheet HTML 6Page - IXYS Corporation MUBW50-17T8 Datasheet HTML 7Page - IXYS Corporation MUBW50-17T8 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2009 IXYS All rights reserved
2 - 8
20090826a
MUBW 50-17 T8
IXYS reserves the right to change limits, test conditions and dimensions.
Output Inverter T1 - T6
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ=25°Cto150°C
1700
V
V
GES
Continuous
± 20
V
I
C25
I
C80
I
CM
T
C=25°C
T
C=80°C
T
C=80°C;tp = 1 ms
74
53
100
A
A
A
P
tot
T
C=25°C
290
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C,unlessotherwisespecified)
min.
typ.
max.
V
CE(sat)
I
C=50A;VGE=15V
T
VJ=25°C
T
VJ=125°C
2.0
2.4
2.4
V
V
V
GE(th)
I
C=2mA;VGE = VCE
5
6.5
V
I
CES
V
CE= VCES; VGE=0V
T
VJ=25°C
T
VJ=125°C
1.0
0.4
mA
mA
I
GES
V
CE=0V;VGE = ± 20 V
400
nA
C
ies
V
CE=25V;VGE=0V;f=1MHz
4.4
nF
Q
Gon
V
CE=900V;VGE=15V;IC=75A
600
nC
t
d(on)
t
r
t
d(off)
t
f
E
on
E
off
Inductiveload,T
VJ=125°C
V
CE=900V;IC = 50 A
V
GE = ±15V;RG = 8 Ω
250
50
500
480
11
12
ns
ns
ns
ns
mJ
mJ
RBSOA
I
C= ICM;VGE = 15 V
R
G=27Ω;TVJ=125°C
V
CEK< VCES - LS di/dt
V
t
SC
(SCSOA)
V
CE=1000V;VGE = ±15V;RG=27Ω
t
P <10µs;non-repetitive;TVJ=125°C
10
µs
R
thJC
0.43
K/W
Output Inverter D1 - D6
Symbol
Conditions
MaximumRatings
I
F25
I
F80
T
C=25°C
T
C=80°C
56
39
A
A
Symbol
Conditions
Characteristic Values
min.
typ.
max.
V
F
I
F=50A;
T
VJ=25°C
T
VJ=125°C
2.0
2.0
2.4
V
V
I
RM
Q
rr
t
rr
E
rec
I
F=50A;diF /dt=-1200A/µs;
T
VJ=125°C;VR=900V;VGE = 0 V
80
20
650
9
A
µC
ns
mJ
R
thJC
(perdiode)
0.65
K/W
Equivalent Circuits for Simulation
Conduction
IGBT(typ.atV
GE=15V;TJ=125°C)
T1-T6
V
0 = 1.0 V; R0 = 25 mW
T7
V
0 = 1.0 V; R0 = 28 mW
Diode(typ.atT
J=125°C)
D1-D6
V
0 = 1.35 V; R0 = 15 mW
D7
V
0 = 1.65 V; R0 = 37 mW
D11-D16
V
0 = 0.83 V; R0 = 4.1 mW
I
V
0
R
0


Similar Part No. - MUBW50-17T8

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MUBW50-12A8 IXYS-MUBW50-12A8 Datasheet
115Kb / 4P
   Converter - Brake - Inverter Module
MUBW50-12E8 IXYS-MUBW50-12E8 Datasheet
91Kb / 4P
   Converter - Brake - Inverter Module
MUBW50-12T8 IXYS-MUBW50-12T8 Datasheet
248Kb / 7P
   Converter - Brake - Inverter Module with Trench IGBT technology
More results

Similar Description - MUBW50-17T8

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MUBW15-12T7 IXYS-MUBW15-12T7 Datasheet
96Kb / 4P
   Converter - Brake - Inverter Module with Trench IGBT technology
MUBW75-17T8 IXYS-MUBW75-17T8 Datasheet
329Kb / 8P
   Converter - Brake - Inverter Module with Trench IGBT technology
MUBW75-12T8 IXYS-MUBW75-12T8 Datasheet
265Kb / 7P
   Converter - Brake - Inverter Module with Trench IGBT technology
MUBW50-12T8 IXYS-MUBW50-12T8 Datasheet
248Kb / 7P
   Converter - Brake - Inverter Module with Trench IGBT technology
MUBW25-12T7 IXYS-MUBW25-12T7 Datasheet
96Kb / 4P
   Converter - Brake - Inverter Module with Trench IGBT technology
MITA15WB1200TMH IXYS-MITA15WB1200TMH Datasheet
158Kb / 4P
   Converter - Brake - Inverter Module Trench IGBT
MITB15WB1200TMH IXYS-MITB15WB1200TMH Datasheet
203Kb / 8P
   Converter - Brake - Inverter Module Low Loss Trench IGBT
MITB10WB1200TMH IXYS-MITB10WB1200TMH Datasheet
204Kb / 8P
   Converter - Brake - Inverter Module Low Loss Trench IGBT
MIAA10WE600TMH IXYS-MIAA10WE600TMH Datasheet
269Kb / 8P
   Converter - Brake - Inverter Module NPT IGBT
MIAA20WB600TMH IXYS-MIAA20WB600TMH Datasheet
235Kb / 8P
   Converter - Brake - Inverter Module NPT IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com