Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D8015LTP Datasheet(PDF) 3 Page - Littelfuse

Part # D8015LTP
Description  Silicon rectifiers that are excellent for DC phase control applications with motor loads.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

D8015LTP Datasheet(HTML) 3 Page - Littelfuse

  D8015LTP Datasheet HTML 1Page - Littelfuse D8015LTP Datasheet HTML 2Page - Littelfuse D8015LTP Datasheet HTML 3Page - Littelfuse D8015LTP Datasheet HTML 4Page - Littelfuse D8015LTP Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
349
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
15 / 20 / 25 Amp Rectifiers
Dxx15L & Dxx20L & Dxx25L Series
70
75
80
85
90
95
100
105
110
115
120
125
130
02
46
81012141618
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
Dxx25L
Dxx20L
Dxx15L
Average Forward Current [I
F(AVE)] - Amps
Figure 3: Maximum Allowable Case Temperature vs.
Average On-State Current
Figure 4: Surge Peak On-State Current vs.
Number of Cycles
Note: xx = voltage
1
10
100
1000
110100
1000
Surge Current Duration -- Full Cycles
Dxx15L
Dxx25L
Dxx20L
Supply Frequency: 60Hz Sinusoidal
Load: Resistive
RMS Forward Current : [I
T(RMS)]: Maximum Rated
Value at Specific Case Temperature
Soldering Parameters
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp)
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260°C +0/-5
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
280°C
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do


Similar Part No. - D8015LTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D8015L LITTELFUSE-D8015L Datasheet
103Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
D8015L LITTELFUSE-D8015L Datasheet
109Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers
D8015L56 LITTELFUSE-D8015L56 Datasheet
598Kb / 5P
   Teccor brand Thyristors 15 / 20 / 25 Amp Rectifiers
D8015L59 LITTELFUSE-D8015L59 Datasheet
598Kb / 5P
   Teccor brand Thyristors 15 / 20 / 25 Amp Rectifiers
More results

Similar Description - D8015LTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DXX15L LITTELFUSE-DXX15L Datasheet
598Kb / 5P
   Silicon rectifiers that are excellent for DC phase control applications with motor loads.
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com