Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D8015L Datasheet(PDF) 2 Page - Littelfuse

Part # D8015L
Description  Silicon rectifiers that are excellent for DC phase control applications with motor loads.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

D8015L Datasheet(HTML) 2 Page - Littelfuse

  D8015L Datasheet HTML 1Page - Littelfuse D8015L Datasheet HTML 2Page - Littelfuse D8015L Datasheet HTML 3Page - Littelfuse D8015L Datasheet HTML 4Page - Littelfuse D8015L Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
348
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
15 / 20 / 25 Amp Rectifiers
Dxx15L & Dxx20L & Dxx25L Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Value
Unit
t
rr
Reverse-recovery Time
I
F=0.9A, IR=1.5A
TYP.
4
μs
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
FM
15A Device I
T = 30A; tp = 380μs
MAX.
1.6
V
20A Device I
T = 40A; tp = 380μs
25A Device I
T = 50A; tp = 380μs
I
RM
V
RRM
T
J = 25°C
400-600V
MAX.
10
μA
800-1000V
20
T
J = 100°C
400-800V
500
1000V
3000
T
J = 125°C
400-800V
1000
Thermal Resistances
Symbol
Parameter
Value
Unit
R
θ(J-C)
Junction to case (AC)
Dxx15L
2.85
°C/W
Dxx20L
2.55
Dxx25L
2.50
Note: xx = voltage
Figure 1: On-State Current vs. On-State
Voltage (Typical)
T
J = 25°C
0
20
40
60
80
100
120
140
160
0.70.8
0.91.0
1.11.2
1.31.4
1.51.6
1.71.8
Dxx25L
Dxx20L
Dxx15L
Instantaneous Forward Voltage (v
F) – Volts
Figure 2: Power Dissipation vs. RMS On-State
Current (Typical)
0
4
8
12
16
20
0246
810121416
Single pulse rectification
60Hz sine wave
Dxx25L
Dxx20L
Dxx15L
Average Forward Current [I
F(AV)] - Amps


Similar Part No. - D8015L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D8015L LITTELFUSE-D8015L Datasheet
103Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
D8015L LITTELFUSE-D8015L Datasheet
109Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers
D8015L56 LITTELFUSE-D8015L56 Datasheet
598Kb / 5P
   Teccor brand Thyristors 15 / 20 / 25 Amp Rectifiers
D8015L59 LITTELFUSE-D8015L59 Datasheet
598Kb / 5P
   Teccor brand Thyristors 15 / 20 / 25 Amp Rectifiers
More results

Similar Description - D8015L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DXX15L LITTELFUSE-DXX15L Datasheet
598Kb / 5P
   Silicon rectifiers that are excellent for DC phase control applications with motor loads.
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com