Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D6025LTP Datasheet(PDF) 1 Page - Littelfuse

Part # D6025LTP
Description  Silicon rectifiers that are excellent for DC phase control applications with motor loads.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

D6025LTP Datasheet(HTML) 1 Page - Littelfuse

  D6025LTP Datasheet HTML 1Page - Littelfuse D6025LTP Datasheet HTML 2Page - Littelfuse D6025LTP Datasheet HTML 3Page - Littelfuse D6025LTP Datasheet HTML 4Page - Littelfuse D6025LTP Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
347
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
15 / 20 / 25 Amp Rectifiers
Dxx15L & Dxx20L & Dxx25L Series
Dxx15L & Dxx20L & Dxx25L Series
Description
Main Features
Silicon rectifiers that are excellent for DC phase control
applications with motor loads.
Isolated mounting tab allows for use in circuits with
common anode or common cathode connections.
Symbol
Value
Unit
I
T(RMS)
15 / 20 / 25
A
V
RRM
400 to 1000
V
Absolute Maximum Ratings
Symbol
Parameter
Test Conditions
Value
Unit
Dxx15L
Dxx20L
Dxx25L
I
F(RMS)
RMS forward current
Dxx15L: T
C = 85°C
Dxx20L/Dxx25L: T
C = 80°C
15
20
25
A
I
F(AV)
Average forward current
9.5
12.7
15.9
A
I
FSM
Peak non-repetitive surge current
single half cycle; f = 50Hz;
T
J (initial) = 25°C
188
255
300
A
single half cycle; f = 60Hz;
T
J (initial) = 25°C
225
300
350
I2t
I2t Value for fusing
t
p = 8.3 ms
210
374
508
A2s
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
°C
Note: xx = voltage
Schematic Symbol
AK
Applications
Typical applications are AC to DC solid-state switches for
industrial power tools, exercise equipment, white goods,
and commercial appliances.
Internally constructed isolated package is offered for ease
of heat sinking with highest isolation voltage.
Features & Benefits
• RoHS Compliant
• Glass – passivated
junctions
• Voltage capability up to
1000 V
• Surge capability up to
350 A
Agency Approval
Agency
Agency File Number
®
L Package : E71639
®


Similar Part No. - D6025LTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D6025L LITTELFUSE-D6025L Datasheet
103Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
D6025L LITTELFUSE-D6025L Datasheet
109Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers
D6025L59 LITTELFUSE-D6025L59 Datasheet
598Kb / 5P
   Teccor brand Thyristors 15 / 20 / 25 Amp Rectifiers
D6025L59 LITTELFUSE-D6025L59 Datasheet
312Kb / 5P
   Dxx15L & Dxx20L & Dxx25L Series
January 10, 2022
More results

Similar Description - D6025LTP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DXX15L LITTELFUSE-DXX15L Datasheet
598Kb / 5P
   Silicon rectifiers that are excellent for DC phase control applications with motor loads.
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX55R LITTELFUSE-SXX55R Datasheet
257Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX65K LITTELFUSE-SXX65K Datasheet
207Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX04DS1 LITTELFUSE-SXX04DS1 Datasheet
329Kb / 8P
   Excellent unidirectional switches for phase control applications
SXX08RS2 LITTELFUSE-SXX08RS2 Datasheet
411Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX20L LITTELFUSE-SXX20L Datasheet
1,003Kb / 9P
   Excellent unidirectional switches for phase control applications
SXX35K LITTELFUSE-SXX35K Datasheet
195Kb / 7P
   Excellent unidirectional switches for phase control applications
SXX06RS2 LITTELFUSE-SXX06RS2 Datasheet
417Kb / 11P
   Excellent unidirectional switches for phase control applications
SXX12R LITTELFUSE-SXX12R Datasheet
351Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com