Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2514-6002RB Datasheet(PDF) 6 Page - 3M Electronics

Part # N2514-6002RB
Description  .100??x .100??Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

N2514-6002RB Datasheet(HTML) 6 Page - 3M Electronics

  N2514-6002RB Datasheet HTML 1Page - 3M Electronics N2514-6002RB Datasheet HTML 2Page - 3M Electronics N2514-6002RB Datasheet HTML 3Page - 3M Electronics N2514-6002RB Datasheet HTML 4Page - 3M Electronics N2514-6002RB Datasheet HTML 5Page - 3M Electronics N2514-6002RB Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information believed to be reliable, but the accuracy or completeness
is not guaranteed. Before using this product, you must evaluate it and determine if it is suitable for your intended application. You assume all risks and liability associated
with such use. Any statements related to the product which are not contained in 3M’s current publications, or any contrary statements contained on your purchase order
shall have no force or effect unless expressly agreed upon, in writing, by an authorized officer of 3M.
Warranty; Limited Remedy; Limited Liability.
This product will be free from defects in material and manufacture for a period of one (1) year from the time of purchase.
3M MAKES NO OTHER WARRANTIES
INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the
warranty period stated above, your exclusive remedy shall be, at 3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M product.
Except
where prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3M product, regardless of
the legal theory asserted.
Please recycle. Printed in USA.
© 3M 2011. All rights reserved.
RIA-2217B-E
3
3M Electronics Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
U.S.A.
1-800-225-5373
www.3m.com/interconnects
3M is a trademark of 3M Company.


Similar Part No. - N2514-6002RB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
N2514-6002-RB IDT-N2514-6002-RB Datasheet
1Mb / 13P
   Intermediate Frequency Digital Variable Gain Amplifier
logo
Renesas Technology Corp
N2514-6002-RB RENESAS-N2514-6002-RB Datasheet
3Mb / 24P
   High Reliability SP2T RF Switch 9 kHz to 9000 MHz
logo
Integrated Device Techn...
N2514-6002-RB IDT-N2514-6002-RB Datasheet
2Mb / 54P
   Sampling IF Receiver 1710MHz to 2050MHz
More results

Similar Description - N2514-6002RB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
N2534-5002RB 3M-N2534-5002RB Datasheet
1Mb / 6P
   .100 x .100 Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
N2514-5002-RB 3M-N2514-5002-RB Datasheet
1Mb / 6P
   .100??x .100??Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
N2516-6003RB 3M-N2516-6003RB Datasheet
1Mb / 6P
   .100 x .100 Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
N2510-6002RB 3M-N2510-6002RB Datasheet
1Mb / 6P
   .100??x .100??Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
2520-6002UB 3M-2520-6002UB Datasheet
1Mb / 6P
   .100??x .100??Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
N2526-5002RB 3M-N2526-5002RB Datasheet
1Mb / 6P
   .100 x .100 Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
2540-6003UG 3M-2540-6003UG Datasheet
1Mb / 6P
   100 x .100 Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
D2516-6V0C-AR-WE 3M-D2516-6V0C-AR-WE Datasheet
1Mb / 6P
   .100 x .100 Low Profi le, SMT Straight, Straight and Rt Angle Through-Hole
D2526-6002 3M-D2526-6002 Datasheet
1Mb / 6P
   100 x .100 Low Profi le, SMT Straight, Straight and Rt Angle Through-Hole
80400031292 3M-80400031292 Datasheet
1Mb / 6P
   3M??Four-Wall Header .100??x .100??Low Profile, SMT Straight, Straight and Rt Angle Through-Hole
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com