Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4330-B1 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI4330-B1
Description  Si4330 ISM RECEIVER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4330-B1 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI4330-B1 Datasheet HTML 4Page - Silicon Laboratories SI4330-B1 Datasheet HTML 5Page - Silicon Laboratories SI4330-B1 Datasheet HTML 6Page - Silicon Laboratories SI4330-B1 Datasheet HTML 7Page - Silicon Laboratories SI4330-B1 Datasheet HTML 8Page - Silicon Laboratories SI4330-B1 Datasheet HTML 9Page - Silicon Laboratories SI4330-B1 Datasheet HTML 10Page - Silicon Laboratories SI4330-B1 Datasheet HTML 11Page - Silicon Laboratories SI4330-B1 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
Si4330-B1
8
Rev 1.0
Table 2. Synthesizer AC Electrical Characteristics1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Synthesizer Frequency
Range
FSYN
240
960
MHz
Synthesizer Frequency
Resolution2
FRES-LB
Low Band, 240–480 MHz
156.25
Hz
FRES-HB
High Band, 480–960 MHz
312.5
Hz
Reference Frequency
Input Level2
fREF_LV
When using external reference signal
driving XOUT pin, instead of using
crystal. Measured peak-to-peak (VPP)
0.7
1.6
V
Synthesizer Settling Time2
tLOCK
Measured from exiting Ready mode with
XOSC running to any frequency.
Including VCO calibration.
—200
µs
Residual FM2
F
RMS
Integrated over
250 kHz bandwidth
(500 Hz lower bound of integration)
—2
4
kHzRMS
Phase Noise2
L
(f
M)
F = 10 kHz
–80
dBc/Hz
F = 100 kHz
–90
dBc/Hz
F = 1 MHz
–115
dBc/Hz
F = 10 MHz
–130
dBc/Hz
Notes:
1. All specification guaranteed by production test unless otherwise noted. Production test conditions and max limits are
listed in the "Production Test Conditions" section on page 13.
2. Guaranteed by qualification. Qualification test conditions are listed in the "Production Test Conditions" section on
page 13.


Similar Part No. - SI4330-B1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4330 ETC2-SI4330 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4330 ETC2-SI4330 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI4330 SILABS-SI4330 Datasheet
1Mb / 64P
   Remote control
logo
Vishay Siliconix
SI4330DY VISHAY-SI4330DY Datasheet
71Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 24-Nov-03
SI4330DY VISHAY-SI4330DY Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4330-B1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM31B ETC2-RFM31B Datasheet
1Mb / 63P
   ISM RECEIVER
logo
HOPE Microelectronics C...
RFM31B HOPE-RFM31B Datasheet
1Mb / 63P
   ISM RECEIVER
logo
List of Unclassifed Man...
RFM65CW ETC2-RFM65CW Datasheet
1Mb / 71P
   ISM RECEIVER MODULE
RFM65W ETC2-RFM65W Datasheet
1Mb / 71P
   ISM RECEIVER MODULE
logo
HOPE Microelectronics C...
RFM65W HOPE-RFM65W Datasheet
1Mb / 71P
   ISM RECEIVER MODULE
RFM65CW HOPE-RFM65CW Datasheet
1Mb / 71P
   ISM RECEIVER MODULE
logo
List of Unclassifed Man...
RWS-F86L ETC2-RWS-F86L Datasheet
556Kb / 4P
   FM STRERO RECEIVER ISM
logo
TEMIC Semiconductors
U2762B TEMIC-U2762B Datasheet
299Kb / 9P
   900-MHz ISM Band Receiver
logo
Silicon Laboratories
SI4313-B1 SILABS-SI4313-B1 Datasheet
500Kb / 50P
   Si4313 LOW-COST ISM RECEIVER
logo
Analog Devices
ADF7902BRUZ AD-ADF7902BRUZ Datasheet
447Kb / 12P
   ISM Band FSK Receiver IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com