Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP2403-GM Datasheet(PDF) 74 Page - Silicon Laboratories

Part # CP2403-GM
Description  128/64 SEGMENT LCD DRIVER
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2403-GM Datasheet(HTML) 74 Page - Silicon Laboratories

Back Button CP2403-GM Datasheet HTML 70Page - Silicon Laboratories CP2403-GM Datasheet HTML 71Page - Silicon Laboratories CP2403-GM Datasheet HTML 72Page - Silicon Laboratories CP2403-GM Datasheet HTML 73Page - Silicon Laboratories CP2403-GM Datasheet HTML 74Page - Silicon Laboratories CP2403-GM Datasheet HTML 75Page - Silicon Laboratories CP2403-GM Datasheet HTML 76Page - Silicon Laboratories CP2403-GM Datasheet HTML 77Page - Silicon Laboratories CP2403-GM Datasheet HTML 78Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 110 page
background image
CP2400/1/2/3
74
Rev. 1.0
11.2. SmaRTClock Clocking Sources
The SmaRTClock peripheral is clocked from its own timebase, independent of the system clock. The SmaRTClock
timebase is derived from the SmaRTClock oscillator circuit, which has two modes of operation: crystal mode, and
self-oscillate mode. The oscillation frequency is 32.768 kHz in crystal mode and can be programmed in the range
of sub 20 kHz to above 40 kHz in self-oscillate mode. In crystal mode, XTAL1 and XTAL2 may be overdriven by an
external CMOS clock.
11.2.1. Using the SmaRTClock Oscillator with a Crystal or External CMOS Clock
When using crystal mode, a 32.768 kHz crystal should be connected between XTAL3 and XTAL4. No other
external components are required. The following steps show how to start the SmaRTClock crystal oscillator in
software:
1. Set SmaRTClock to Crystal Mode (XMODE = 1).
2. Optional. Enable/Disable Automatic Gain Control (AGCEN) and Bias Doubling (BIASX2). See Section 11.2.4 for
recommendations on using these oscillator features.
3. Set the desired loading capacitance (RTC0XCF).
4. Enable power to the SmaRTClock oscillator circuit (RTC0EN = 1).
5. Wait 2 ms.
6. Poll the SmaRTClock Clock Valid Bit (CLKVLD) until the crystal oscillator stabilizes.
7. Poll the SmaRTClock Load Capacitance Ready Bit (LOADRDY) until the load capacitance reaches its
programmed value.
8. Enable the SmaRTClock missing clock detector.
9. Wait 2 ms.
10.Clear the PMU0CF wake-up source flags.
In crystal mode, the SmaRTClock oscillator may be driven by an external CMOS clock. The CMOS clock should be
applied to both XTAL1 and XTAL2. The input low voltage (VIL) and input high voltage (VIH) for these pins when
used with an external CMOS clock are 0.1 and 0.8 V, respectively. The SmaRTClock oscillator should be
configured to its lowest bias setting with AGC disabled. The CLKVLD bit is indeterminate when using a CMOS
clock, however, the OSCFAIL bit may be checked 2 ms after SmaRTClock oscillator is powered on to ensure that
there is a valid clock.
11.2.2. Using the SmaRTClock Oscillator in Self-Oscillate Mode
The following steps show how to configure SmaRTClock for use in self-oscillate mode:
1. Set SmaRTClock to Self-Oscillate Mode (XMODE = 0).
2. Set the desired oscillation frequency:
For oscillation at about 20 kHz, set BIASX2 = 0.
For oscillation at about 40 kHz, set BIASX2 = 1.
3. The oscillator starts oscillating instantaneously.
4. Fine tune the oscillation frequency by adjusting the load capacitance (RTC0XCF).


Similar Part No. - CP2403-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2403 SILABS-CP2403 Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
More results

Similar Description - CP2403-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2400 SILABS-CP2400 Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
logo
Rohm
BU9728AKV ROHM-BU9728AKV_08 Datasheet
593Kb / 24P
   For 128-140 Segment type LCD LCD Segment Driver
logo
List of Unclassifed Man...
SED1180 ETC-SED1180 Datasheet
44Kb / 10P
   CMOS LCD 64-SEGMENT DRIVER
logo
LDT Co., Ltd
LD3003 LDT-LD3003 Datasheet
519Kb / 16P
   128 Segment LCD Controller and Driver
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC14LC5002 MOTOROLA-MC14LC5002 Datasheet
458Kb / 17P
   72-Segment / 128-Segment LCD Drivers
logo
New Japan Radio
NJU6417C NJRC-NJU6417C Datasheet
304Kb / 9P
   DOT MATRIX LCD 64-OUT SEGMENT DRIVER?
logo
Sharp Corporation
LH155BA SHARP-LH155BA Datasheet
288Kb / 51P
   128-Segment and 64-Common Outputs LCD Driver IC with A Built-in RAM
logo
Samsung semiconductor
S6B0108 SAMSUNG-S6B0108 Datasheet
165Kb / 23P
   64 CH SEGMENT DRIVER FOR DOT MATRIX LCD
logo
Motorola, Inc
MC145003 MOTOROLA-MC145003 Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com