Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812L0751 Datasheet(PDF) 4 Page - Littelfuse

Part # 1812L0751
Description  The 1812L Series PTC provides surface mount overcurrent protection for applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1812L0751 Datasheet(HTML) 4 Page - Littelfuse

  1812L0751 Datasheet HTML 1Page - Littelfuse 1812L0751 Datasheet HTML 2Page - Littelfuse 1812L0751 Datasheet HTML 3Page - Littelfuse 1812L0751 Datasheet HTML 4Page - Littelfuse 1812L0751 Datasheet HTML 5Page - Littelfuse 1812L0751 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
42
Revised: June 3, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc.
Surface Mount > 1812L Series
1812L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/1812L.html for current information.
Part
Number
A
BC
D
E
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Min Max Min
Max
Min Max Min Max Min
Max
Min Max Min Max Min Max
Min
Max
Min
Max
1812L010
0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.05 0.75 1.25 0.01 0.05
0.3
1.2
0.01 0.03 0.15 0.65
1812L010/60 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.05 0.75 1.25 0.01 0.05
0.3
1.2 0.006 0.03 0.15 0.65
1812L014
0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.08 0.75 1.95 0.01 0.05
0.3
1.2
0.01 0.03 0.15 0.65
1812L020
0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.04 0.55
1
0.01 0.05
0.3
1.2
0.01 0.03 0.15 0.65
1812L020/60 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.05 0.75 1.25 0.01 0.05
0.3
1.2 0.006 0.03 0.15 0.65
1812L035/30 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.04
0.6
1.25 0.01 0.05
0.3
1.2
0.01 0.03 0.15 0.65
1812L050
0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.03
0.5 0.75 0.01 0.05
0.3
1.2
0.01 0.02 0.15
0.5
1812L050/30 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.04
0.5
1
0.01 0.05
0.3
1.2
0.01 0.03 0.15 0.65
1812L075
0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.03
0.5 0.75 0.01 0.05
0.3
1.2
0.01 0.02 0.15
0.5
1812L075/24 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.06 0.75 1.55 0.01 0.05
0.3
1.2
0.01 0.03 0.15 0.65
1812L075/33 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.06 0.75 1.55 0.01 0.05
0.3
1.2
0.01 0.03 0.15 0.65
1812L110
0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.03
0.5 0.71 0.01 0.05
0.3
1.2
0.01 0.02 0.15
0.5
1812L110/24 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.04
0.5
1.07 0.01 0.05
0.3
1.2
0.01 0.03 0.15 0.65
1812L110/16 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.05 0.75 1.25 0.01 0.05
0.3
1.2
0.01 0.03 0.15 0.65
1812L110/33 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.05
0.08
1.2
2
0.01 0.05
0.3
1.2
0.01 0.03 0.15 0.65
1812L125/6 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.03 0.45 0.75 0.01 0.05
0.3
1.2
0.01 0.03 0.15 0.65
1812L125/16 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.05 0.75 1.25 0.01 0.05
0.3
1.2
0.01 0.02 0.15
0.5
1812L150
0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.03
0.4 0.71 0.01 0.05
0.3
1.2
0.01 0.03 0.15 0.65
1812L150/12 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.05 0.75 1.25 0.01 0.05
0.3
1.2
0.01 0.03 0.15 0.65
1812L150/24 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.07
0.8
1.8 0.01 0.05
0.3
1.2
0.01 0.03 0.15 0.65
1812L160
0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.03
0.4 0.75 0.01 0.05
0.3
1.2
0.01 0.03 0.15 0.65
1812L160/12 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.05 0.75 1.25 0.01 0.05
0.3
1.2
0.01 0.03 0.15 0.65
1812L200TH 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.008 0.024 0.2
0.6 0.01 0.05
0.3
1.2
0.01 0.02 0.15
0.5
1812L200/12 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.05
0.8
1.20 0.01 0.05
0.3
1.2 0.006 0.03 0.15 0.65
1812L260TH 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.02
0.04
0.5
1.0 0.01 0.05
0.3
1.2
0.01 0.02 0.15
0.5
1812L260/12 0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.05
0.8
1.34 0.01 0.05
0.3
1.2
0.01 0.03 0.15 0.65
1812L300
0.17 0.19 4.37 4.73 0.12 0.13 3.07 3.41 0.03
0.06
0.8
1.50 0.01 0.05
0.3
1.2
0.01 0.03 0.15 0.65
Dimensions
C
Top
View
Pad
Layout
Side
View
Bottom
View
3.15 mm
(.124”)
3.45 mm
(.135”)
1.78mm
(.070”)
D
MARKING CODE VARIES
WITH AMPERAGE AND VOLTAGE RATING
(See Electrical Characteristics Table)
SHOWN ARE:
- 1.1A/6V RATING (LEFT)
- 1.1A/33V RATING (RIGHT)
E
A
B
110
110
110
-33


Similar Part No. - 1812L0751

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L0751 LITTELFUSE-1812L0751 Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 1812L Series
More results

Similar Description - 1812L0751

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2016L030 LITTELFUSE-2016L030_11 Datasheet
253Kb / 5P
   The 2016L Series PTC provides surface mount overcurrent High voltage
1210L005WR LITTELFUSE-1210L005WR Datasheet
802Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
0402L LITTELFUSE-0402L Datasheet
815Kb / 5P
   The 0402L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
1206L012WR LITTELFUSE-1206L012WR Datasheet
797Kb / 6P
   The 1206L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
0603L LITTELFUSE-0603L Datasheet
909Kb / 5P
   The 0603L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
1210L LITTELFUSE-1210L Datasheet
910Kb / 6P
   The 1210L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired
logo
Murata Manufacturing Co...
PTGL18AR6R8M6B72B0 MURATA1-PTGL18AR6R8M6B72B0_V01 Datasheet
415Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07AS121M0N51A0 MURATA1-PTGL07AS121M0N51A0_V01 Datasheet
345Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07AS121M0N51B0 MURATA1-PTGL07AS121M0N51B0_V01 Datasheet
335Kb / 3P
   PTC for Overcurrent Protection
12/12/2022
PTGL07AS150K6B51B0 MURATA1-PTGL07AS150K6B51B0_V01 Datasheet
439Kb / 3P
   PTC for Overcurrent Protection
12/08/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com