Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16R1400G Datasheet(PDF) 4 Page - Littelfuse

Part # 16R1400G
Description  100A short circuit rating 15V Operating voltages Fast time-to-trip
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

16R1400G Datasheet(HTML) 4 Page - Littelfuse

  16R1400G Datasheet HTML 1Page - Littelfuse 16R1400G Datasheet HTML 2Page - Littelfuse 16R1400G Datasheet HTML 3Page - Littelfuse 16R1400G Datasheet HTML 4Page - Littelfuse 16R1400G Datasheet HTML 5Page - Littelfuse 16R1400G Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
72
Revised: July 12, 2010
POLYFUSE® Resettable PTCs
© 2010 Littelfuse, Inc.
16R Series
Radial Leaded > 16R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/16R.html for current information.
Dimensions
A
E
B
C
D
A
B
C
D
E
Part
Number
Figure
A
B
C
D
E
Physical Characteristics
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Lead (dia)
Material
Max.
Max.
Max.
Max.
Typ.
Typ.
Min.
Min.
Max.
Max.
Inches
mm
16R250G
2
0.35
8.90
0.50
12.80
0.20
5.1
0.13
3.18
0.12
3.00
0.020
0.51
Sn/CuFe
16R300G
1
0.28
7.10
0.43
11.00
0.20
5.1
0.30
7.6
0.12
3.00
0.032
0.81
Sn/Cu
16R400G
1
0.35
8.90
0.50
12.80
0.20
5.1
0.30
7.6
0.12
3.00
0.032
0.81
Sn/Cu
16R500G
1
0.41
10.40
0.56
14.30
0.20
5.1
0.30
7.6
0.12
3.00
0.032
0.81
Sn/Cu
16R600G
1
0.42
10.70
0.67
17.10
0.20
5.1
0.30
7.6
0.12
3.00
0.032
0.81
Sn/Cu
16R700G
1
0.44
11.20
0.78
19.70
0.20
5.1
0.30
7.6
0.12
3.00
0.032
0.81
Sn/Cu
16R700GKL
2
0.44
11.20
0.93
23.70
0.20
5.1
0.30
7.6
0.12
3.00
0.032
0.81
Sn/Cu
16R800G
1
0.50
12.70
0.82
20.90
0.20
5.1
0.30
7.6
0.12
3.00
0.032
0.81
Sn/Cu
16R900G
1
0.55
14.00
0.85
21.70
0.20
5.1
0.30
7.6
0.12
3.00
0.032
0.81
Sn/Cu
16R1000G
1
0.65
16.50
0.99
25.20
0.20
5.1
0.30
7.6
0.12
3.00
0.032
0.81
Sn/Cu
16R1100G
1
0.69
17.50
1.02
26.00
0.20
5.1
0.30
7.6
0.12
3.00
0.032
0.81
Sn/Cu
16R1200G
1
0.69
17.50
1.10
28.00
0.40
10.2
0.30
7.6
0.14
3.50
0.039
1.00
Sn/Cu
16R1400G
1
0.93
23.50
1.10
27.90
0.40
10.2
0.30
7.6
0.14
3.50
0.039
1.00
Sn/Cu
Part Marking System
Single Sided Marking
16
250G
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
telfuse
demark
Figure 2
Figure 1


Similar Part No. - 16R1400G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
16R1400G LITTELFUSE-16R1400G Datasheet
148Kb / 6P
   POLYFUSE Resettable PTCs
16R1400G LITTELFUSE-16R1400G Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
16R1400G LITTELFUSE-16R1400G Datasheet
781Kb / 6P
   Littelfuse 16R Series Radial Leaded PTCs are designed to provide resettable overcurrent protection serving a wide range of electronics applications
16R1400GH LITTELFUSE-16R1400GH Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results

Similar Description - 16R1400G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250R080 LITTELFUSE-250R080 Datasheet
619Kb / 7P
   Fast time - to - trip Access equipment Lan/Wan equipment
logo
Teledyne Technologies I...
ZD24CC TELEDYNE-ZD24CC Datasheet
481Kb / 3P
   Short-Circuit Protected with Trip Status
logo
Renesas Technology Corp
RJH60V1BDPE RENESAS-RJH60V1BDPE Datasheet
108Kb / 10P
   Short circuit withstand time (6s typ.)
logo
M.S. Kennedy Corporatio...
MSK5502-12 MSK-MSK5502-12 Datasheet
334Kb / 6P
   Available in 12V and 15V Output Voltages
logo
Schneider Electric
QOU31001042 SCHNEIDER-QOU31001042 Datasheet
139Kb / 2P
   QOU Miniature Circuit Breaker, 100A, 3P, 240V, 10kA, Shunt Trip
logo
Renesas Technology Corp
RJH1CV6DPQ-E0 RENESAS-RJH1CV6DPQ-E0_13 Datasheet
182Kb / 10P
   Short circuit withstand time (5 us typ.)
logo
Schneider Electric
QOU31001021 SCHNEIDER-QOU31001021 Datasheet
139Kb / 2P
   QOU Miniature Circuit Breaker, 100A, 3P, 240V, 10kA, Shunt Trip
logo
TT Electronics.
QDN005 TTELEC-QDN005 Datasheet
286Kb / 3P
   Low operating and clamping voltages
logo
International Rectifier
IRG4BC10KDPBF IRF-IRG4BC10KDPBF_15 Datasheet
274Kb / 11P
   High short circuit rating optimized for motor control
CPV364MM IRF-CPV364MM Datasheet
80Kb / 2P
   Short Circuit Rated Fast IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com