Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16R800G Datasheet(PDF) 2 Page - Littelfuse

Part # 16R800G
Description  100A short circuit rating 15V Operating voltages Fast time-to-trip
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

16R800G Datasheet(HTML) 2 Page - Littelfuse

  16R800G Datasheet HTML 1Page - Littelfuse 16R800G Datasheet HTML 2Page - Littelfuse 16R800G Datasheet HTML 3Page - Littelfuse 16R800G Datasheet HTML 4Page - Littelfuse 16R800G Datasheet HTML 5Page - Littelfuse 16R800G Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
70
Revised: July 12, 2010
POLYFUSE® Resettable PTCs
© 2010 Littelfuse, Inc.
16R Series
Radial Leaded > 16R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/16R.html for current information.
Temperature Rerating Curve
Average Time Current Curves
Ambient Operation Temperature
-40°C
-20°C
0°C
23°C
40°C
50°C
60°C
70°C
85°C
Part Number
Hold Current (A)
16R250G
3.7
3.3
2.9
2.5
2.2
2.0
1.8
1.6
1.3
16R300G
4.4
4.0
3.5
3.0
2.6
2.4
2.1
1.9
1.6
16R400G
5.9
5.3
4.7
4.0
3.5
3.2
2.9
2.6
2.1
16R500G
7.4
6.6
5.9
5.0
4.4
4.0
3.6
3.2
2.6
16R600G
8.9
8.0
7.1
6.0
5.2
4.8
4.3
3.9
3.2
16R700G
10.4
9.3
8.2
7.0
6.1
5.6
5.0
4.5
3.7
16R800G
11.8
10.6
9.4
8.0
7.0
6.3
5.7
5.1
4.2
16R900G
13.3
12.0
10.6
9.0
7.8
7.1
6.5
5.8
4.7
16R1000G
14.8
13.3
11.8
10.0
8.7
7.9
7.1
6.4
5.3
16R1100G
16.3
14.6
12.9
11.0
9.6
8.7
7.9
7.0
5.8
16R1200G
17.7
15.9
14.1
12.0
10.5
9.5
8.6
7.7
6.3
16R1400G
20.7
18.6
16.5
14.0
12.2
11.1
10.0
9.0
7.4
Temperature Rerating
The average time current curves and Temperature Rerating curve performance is affected
by a number or variables, and these curves provided as guidance only. Customer must
verify the performance in their application.
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
Temperature Rerating Curve
0.01
0.1
1
10
100
16R
1
10
100
1000
Current in Amperes


Similar Part No. - 16R800G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
16R800G LITTELFUSE-16R800G Datasheet
148Kb / 6P
   POLYFUSE Resettable PTCs
16R800G LITTELFUSE-16R800G Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
16R800G LITTELFUSE-16R800G Datasheet
781Kb / 6P
   Littelfuse 16R Series Radial Leaded PTCs are designed to provide resettable overcurrent protection serving a wide range of electronics applications
16R800GF LITTELFUSE-16R800GF Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
16R800GMR LITTELFUSE-16R800GMR Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results

Similar Description - 16R800G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250R080 LITTELFUSE-250R080 Datasheet
619Kb / 7P
   Fast time - to - trip Access equipment Lan/Wan equipment
logo
Teledyne Technologies I...
ZD24CC TELEDYNE-ZD24CC Datasheet
481Kb / 3P
   Short-Circuit Protected with Trip Status
logo
Renesas Technology Corp
RJH60V1BDPE RENESAS-RJH60V1BDPE Datasheet
108Kb / 10P
   Short circuit withstand time (6s typ.)
logo
M.S. Kennedy Corporatio...
MSK5502-12 MSK-MSK5502-12 Datasheet
334Kb / 6P
   Available in 12V and 15V Output Voltages
logo
Schneider Electric
QOU31001042 SCHNEIDER-QOU31001042 Datasheet
139Kb / 2P
   QOU Miniature Circuit Breaker, 100A, 3P, 240V, 10kA, Shunt Trip
logo
Renesas Technology Corp
RJH1CV6DPQ-E0 RENESAS-RJH1CV6DPQ-E0_13 Datasheet
182Kb / 10P
   Short circuit withstand time (5 us typ.)
logo
Schneider Electric
QOU31001021 SCHNEIDER-QOU31001021 Datasheet
139Kb / 2P
   QOU Miniature Circuit Breaker, 100A, 3P, 240V, 10kA, Shunt Trip
logo
TT Electronics.
QDN005 TTELEC-QDN005 Datasheet
286Kb / 3P
   Low operating and clamping voltages
logo
International Rectifier
IRG4BC10KDPBF IRF-IRG4BC10KDPBF_15 Datasheet
274Kb / 11P
   High short circuit rating optimized for motor control
CPV364MM IRF-CPV364MM Datasheet
80Kb / 2P
   Short Circuit Rated Fast IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com