Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAL200 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSAL200
Description  Wide Bandwidth Quad 2:1 Analog Multiplexer/Demultiplexer Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAL200 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSAL200 Datasheet HTML 1Page - Fairchild Semiconductor FSAL200 Datasheet HTML 2Page - Fairchild Semiconductor FSAL200 Datasheet HTML 3Page - Fairchild Semiconductor FSAL200 Datasheet HTML 4Page - Fairchild Semiconductor FSAL200 Datasheet HTML 5Page - Fairchild Semiconductor FSAL200 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2003 Fairchild Semiconductor Corporation
DS500649
www.fairchildsemi.com
January 2002
Revised March 2003
FSAL200
Wide Bandwidth Quad 2:1 Analog
Multiplexer/Demultiplexer Switch
General Description
The Fairchild Switch FSAL200 is a rail-to-rail quad 2:1
high-speed CMOS TTL-compatible analog multiplexer/
demultiplexer switch. The low On Resistance of the switch
allows inputs to be connected to outputs without adding
propagation delay or generating additional ground bounce
noise.
When OE is LOW, the select pin connects the A Port to the
selected B Port output. When OE is HIGH, the switch is
OPEN and a high-impedance state exists between the two
ports.
Features
s Typical 6
Ω switch connection between two ports
s Minimal propagation delay through the switch
s Low ICC
s Zero bounce in flow-through mode
s Control inputs compatible with TTL level
s Rail-to-rail signal handling
s Low insertion loss
s Route communications signals including:
10/100 Ethernet
USB1.1
100VG-AnyLAN
Token Ring 4/16 Mbps
ATM25
SONET OCI 51.8 Mbps
T1/E1
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Analog Symbol
Truth Table
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
FSAL200QSC
MQA16
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
SOE
Function
X
H
Disconnect
LL
A
= B
1
HL
A
= B
2
Pin Name
Description
OE
Switch Enable
S
Select Input
A, B1, B2
Data Port


Similar Part No. - FSAL200

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAL200 FAIRCHILD-FSAL200 Datasheet
674Kb / 10P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch
FSAL200 FAIRCHILD-FSAL200 Datasheet
259Kb / 11P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
logo
ON Semiconductor
FSAL200 ONSEMI-FSAL200 Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
logo
Fairchild Semiconductor
FSAL200MTC FAIRCHILD-FSAL200MTC Datasheet
674Kb / 10P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch
FSAL200MTC FAIRCHILD-FSAL200MTC Datasheet
259Kb / 11P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
More results

Similar Description - FSAL200

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAL200 FAIRCHILD-FSAL200_06 Datasheet
674Kb / 10P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / Demultiplexer Switch
logo
ON Semiconductor
FSAL200 ONSEMI-FSAL200 Datasheet
320Kb / 13P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
October 2007 Rev. 1.7.1
logo
Fairchild Semiconductor
FSAL200 FAIRCHILD-FSAL200_07 Datasheet
259Kb / 11P
   Wide Bandwidth Quad 2:1 Analog Multiplexer / De-multiplexer Switch
logo
Analog Devices
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com