Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

38211250000 Datasheet(PDF) 2 Page - Littelfuse

Part # 38211250000
Description  Lead - free Reduced PCB space requirements Low internal resistance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

38211250000 Datasheet(HTML) 2 Page - Littelfuse

  38211250000 Datasheet HTML 1Page - Littelfuse 38211250000 Datasheet HTML 2Page - Littelfuse 38211250000 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
156
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Radial Lead Fuses
382 Series
TR5® > Time-Lag > 382 Series
Please refer to www.littelfuse.com/series/382.html for current information.
Electrical Characteristics
Amp
Code
Rated
Current
Voltage
Rating
Breaking
Capacity
Voltage
Drop
1.0 x I
N
max. (mV)
Power
Dissipation
1.5 x I
N
max. (mW)
Melting
Integral
10 x I
N
min. (A2s)
Agency Approvals
1100
1.00 A
100A /
cos ϕ = 1.0
100
400
3.0
XX
X
X
X
X
1125
1.25 A
95
465
4.5
XX
X
X
X
X
1160
1.60 A
90
490
9.0
XX
X
X
X
X
1200
2.00 A
85
670
12
XX
X
X
X
X
1250
2.50 A
80
750
22
XX
X
X
X
X
1315
3.15 A
75
900
32
XX
X
X
X
X
1400
4.00 A
70
1200
58
XX
X
X
X
X
1500
5.00 A
65
1250
90
G
X
X
X
QCC
X
1630
6.30 A
65
1400
105
G
X
X
X
CQC
X
1800
8.00 A
63
1600
180
XX
2100
10.00 A
57
1600
260
XX
Average Time Current Curves
Temperature Rerating Curve
CURRENT IN AMPERES
0.001
0.010
0.100
1
10
100
1000
10000
100000
1
10
100
1000
0.20


Similar Part No. - 38211250000

ManufacturerPart #DatasheetDescription
logo
Lumberg
382112 LUMBERG-382112 Datasheet
118Kb / 2P
   Multimodul??Steckverbinder, Raster 2,5 mm
382112 LUMBERG-382112 Datasheet
592Kb / 3P
   Multimodul connectors, pitch 2.5 mm
More results

Similar Description - 38211250000

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPL65R210CFD INFINEON-IPL65R210CFD Datasheet
1Mb / 15P
   Reduced board space consumption
Rev.2.0,2014-03-19
IPL65R420E6 INFINEON-IPL65R420E6 Datasheet
1Mb / 15P
   Reduced board space consumption
Rev.2.1,2014-03-07
IPL65R660E6 INFINEON-IPL65R660E6 Datasheet
1Mb / 15P
   Reduced board space consumption
Rev.2.1,2014-03-07
IPL65R190E6 INFINEON-IPL65R190E6 Datasheet
1Mb / 15P
   Reduced board space consumption
Rev.2.0,2014-03-19
IPL65R310E6 INFINEON-IPL65R310E6 Datasheet
1Mb / 15P
   Reduced board space consumption
Rev.2.1,2014-03-07
IPL65R165CFD INFINEON-IPL65R165CFD Datasheet
1Mb / 15P
   Reduced board space consumption
Rev.2.0,2014-03-19
logo
Delta Electronics, Inc.
RL36370-R002-F DELTA-RL36370-R002-F Datasheet
125Kb / 6P
   3W 3637 Low Resistance Chip Resistor (Lead free / Halogen Free)
logo
DAESAN ELECTRONIC CORP.
RL1632-6C-R005F DAESAN-RL1632-6C-R005F Datasheet
121Kb / 7P
   1W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
RL1632H-R005F DAESAN-RL1632H-R005F Datasheet
92Kb / 7P
   1/2W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
logo
Delta Electronics, Inc.
RLT1632-F-R050F DELTA-RLT1632-F-R050F Datasheet
119Kb / 9P
   1/3W, 1206, Low Resistance Chip Resistor (Lead free / Halogen Free)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com