Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMMT593TC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT593TC
Description  100V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT593TC Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT593TC Datasheet HTML 1Page - Diodes Incorporated FMMT593TC Datasheet HTML 2Page - Diodes Incorporated FMMT593TC Datasheet HTML 3Page - Diodes Incorporated FMMT593TC Datasheet HTML 4Page - Diodes Incorporated FMMT593TC Datasheet HTML 5Page - Diodes Incorporated FMMT593TC Datasheet HTML 6Page - Diodes Incorporated FMMT593TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FMMT593
Document number: DS33106 Rev. 5 - 2
1 of 7
www.diodes.com
January 2013
© Diodes Incorporated
FMMT593
A Product Line of
Diodes Incorporated
100V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Features
BVCEO > -100V
IC = -1A high Continuous Collector Current
ICM = -2A Peak Pulse Current
Low Saturation Voltage
Excellent hFE Characteristics up to IC = -1A
Complementary NPN Type: FMMT493
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP capable (Note 4)
Mechanical Data
Case: SOT23
Case Material: molded plastic, “Green” molding compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight 0.008 grams (approximate)
Applications
High-side driver
Load disconnect switch
Motor drive
Ordering Information (Notes 4 & 5)
Part Number
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FMMT593TA
AEC-Q101
593
7
8
3,000
FMMT593QTA
Automotive
593
7
8
3,000
FMMT593TC
AEC-Q101
593
13
8
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen and Antimony free,"Green" and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified.
5. For packaging details, go to our website at http://www.diodes.com
Marking Information
593 = Product Type Marking Code
593
SOT23
Top View
Pin-Out
Top View
Device Symbol
C
E
B
C
E
B


Similar Part No. - FMMT593TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT593TC DIODES-FMMT593TC Datasheet
341Kb / 7P
   100V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
More results

Similar Description - FMMT593TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT593 DIODES-FMMT593_15 Datasheet
341Kb / 7P
   100V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT723 DIODES-FMMT723_15 Datasheet
407Kb / 7P
   100V PNP LOW SATURATION TRANSISTOR IN SOT23
ZXTP25100CFH DIODES-ZXTP25100CFH_15 Datasheet
201Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT23
FMMT560TC DIODES-FMMT560TC Datasheet
478Kb / 7P
   500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT558 DIODES-FMMT558_15 Datasheet
406Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT560Q DIODES-FMMT560Q_15 Datasheet
479Kb / 7P
   500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT558 DIODES-FMMT558_13 Datasheet
406Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT560 DIODES-FMMT560_15 Datasheet
478Kb / 7P
   500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT597 DIODES-FMMT597_15 Datasheet
617Kb / 7P
   300V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT558TC DIODES-FMMT558TC Datasheet
406Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com