Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH04T241WAZ Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04T241WAZ
Description  10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T241WAZ Datasheet(HTML) 3 Page - Texas Instruments

  PTH04T241WAZ Datasheet HTML 1Page - Texas Instruments PTH04T241WAZ Datasheet HTML 2Page - Texas Instruments PTH04T241WAZ Datasheet HTML 3Page - Texas Instruments PTH04T241WAZ Datasheet HTML 4Page - Texas Instruments PTH04T241WAZ Datasheet HTML 5Page - Texas Instruments PTH04T241WAZ Datasheet HTML 6Page - Texas Instruments PTH04T241WAZ Datasheet HTML 7Page - Texas Instruments PTH04T241WAZ Datasheet HTML 8Page - Texas Instruments PTH04T241WAZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
UDG−06005
RTT
1%
0.05 W
(Optional)
CO
220
µF
(Required)
VO
RSET [A]
1%
0.05 W
(Required)
CI
220
µF
(Required)
RUVLO
1%
0.05 W
(Optional)
VOAdj
TurboTranst
VO
VI
PTH04T240W
5
9
+
8
Track
GND
TT
4
3
GND
GND
+Sense
6
L
O
A
D
−Sense
GND
+
Inhibit
INH/UVLO
Track
10
7
−Sense
+Sense
SYNC
1
SmartSync
2
11
CI2
22
µF
(Optional)
VI
UDG−06005
RTT
1%
0.05 W
(Optional)
CO
300
µF
(Required)
VO
RSET [A]
1%
0.05 W
(Required)
CI
200
µF
(Required)
RUVLO
1%
0.05 W
(Optional)
VOAdj
TurboTranst
VO
VI
PTH04T241W
5
9
8
VI
Track
GND
TT
4
3
GND
GND
+Sense
6
L
O
A
D
−Sense
GND
Inhibit
INH/UVLO
Track
10
7
−Sense
+Sense
SYNC
1
SmartSync
2
11
PTH04T240W, PTH04T241W
www.ti.com ...................................................................................................................................................... SLTS276D – OCTOBER 2006 – REVISED JULY 2009
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PTH04T240W
A.
RSET required to set the output voltage to a value higher than 0.69 V. See Electrical Characteristics table.
PTH04T241W - Ceramic Capacitor Version
A.
RSET required to set the output voltage to a value higher than 0.69 V. See Electrical Characteristics table.
B.
200 µF of ceramic or 220 µF of electrolytic input capacitance is required for proper operation.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PTH04T240W PTH04T241W


Similar Part No. - PTH04T241WAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04T241W TI-PTH04T241W Datasheet
949Kb / 36P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
More results

Similar Description - PTH04T241WAZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04T240W TI-PTH04T240W Datasheet
949Kb / 36P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T230W TI-PTH04T230W Datasheet
1Mb / 35P
[Old version datasheet]   6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH04T221W TI-PTH04T221W_15 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T260W TI-PTH04T260W Datasheet
1Mb / 35P
[Old version datasheet]   3-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH04T220W TI-PTH04T220W_15 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T230W TI-PTH04T230W_15 Datasheet
1Mb / 36P
[Old version datasheet]   6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED,WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
NCP1523 TI-NCP1523 Datasheet
1Mb / 35P
[Old version datasheet]   6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH04T220W TI-PTH04T220W Datasheet
1Mb / 39P
[Old version datasheet]   16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240W TI-PTH08T240W Datasheet
846Kb / 30P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH08T241W TI-PTH08T241W Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com