Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-0805CCMC900STS Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PE-0805CCMC900STS
Description  2-LINE CHIP STYLE COMMON MODE CHOKES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0805CCMC900STS Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PE-0805CCMC900STS Datasheet HTML 1Page - Pulse A Technitrol Company PE-0805CCMC900STS Datasheet HTML 2Page - Pulse A Technitrol Company PE-0805CCMC900STS Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2-LINE CHIP STYLE
COMMON MODE CHOKES
ChipChokeCCMC Series
Impedance vs Frequency
1
10
100
1000
Frequency (MHz)
0.1
1
10
100
10000
1000
Z2
Z4
Z6
Z5
Z3
Z1
Z6-1
Z5-1
Z4-1
Z3-1
Z2-1
Z1-1
1
10
100
1000
Frequency (MHz)
0.1
1
10
100
10000
1000
Z3-1
Z5-1
Z6-1
Z4-1
Z2-1
Z1-1
Z2
Z3
Z4
Z5
Z6
Z1
PE-0805CCMCXXXSTS
PE-1206CCMCXXXSTS
ITEM
Part Number
Z1
PE-0805CCMC670STS
Z2
PE-0805CCMC900STS
Z3
PE-0805CCMC121STS
Z4
PE-0805CCMC181STS
Z5
PE-0805CCMC261STS
Z6
PE-0805CCMC361STS
Common Mode
ITEM
Part Number
Z1-1
PE-0805CCMC670STS
Z2-1
PE-0805CCMC900STS
Z3-1
PE-0805CCMC121STS
Z4-1
PE-0805CCMC181STS
Z5-1
PE-0805CCMC261STS
Z6-1
PE-0805CCMC361STS
Differential Mode
ITEM
Part Number
Z1
PE-1206CCMC900STS
Z2
PE-1206CCMC161STS
Z3
PE-1206CCMC261STS
Z4
PE-1206CCMC601STS
Z5
PE-1206CCMC102STS
Z6
PE-1206CCMC222STS
Common Mode
ITEM
Part Number
Z1-1
PE-1206CCMC900STS
Z2-1
PE-1206CCMC161STS
Z3-1
PE-1206CCMC261STS
Z4-1
PE-1206CCMC601STS
Z5-1
PE-1206CCMC102STS
Z6-1
PE-1206CCMC222STS
Differential Mode
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse
Northern Europe
3 Huxley Road
Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
Pulse
Southern Europe
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
3F-4, No. 81, Sec. 1
Hsin Tai Wu Road
Hsi-Chih
Taipei Hsien
Taiwan
TEL: 886 2 26980228
FAX: 886 2 26980948
Pulse
China Headquarters
No. 1
Industrial District
Changan, Dongguan
China
TEL: 86 769 5538070
FAX: 86 769 5538870
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2005. Pulse Engineering, Inc. All rights reserved.
Pulse North China
Room 1002
No. 819
Nanjing West Rd
Shanghai
China
TEL: 86 21 32181071
FAX: 86 21 32181396
www.pulseeng.com
W712.C (8/05)


Similar Part No. - PE-0805CCMC900STS

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0805CCMC900STS PULSE-PE-0805CCMC900STS Datasheet
709Kb / 5P
   Available in 0805 (2012) and 1206 (3216)size For USB2.0 and other high speed diffrential signal lines (IEEE1394, LVDS)
PE-0805CCMC900STS PULSE-PE-0805CCMC900STS Datasheet
1Mb / 4P
   2-Line Chip Style Common Mode Chokes
More results

Similar Description - PE-0805CCMC900STS

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W712 PULSE-W712_16 Datasheet
1Mb / 4P
   2-Line Chip Style Common Mode Chokes
logo
List of Unclassifed Man...
HM19 ETC1-HM19 Datasheet
115Kb / 2P
   Toroid Style Common-Mode Chokes
HM18 ETC-HM18 Datasheet
103Kb / 3P
   EE Style Common-Mode Chokes
logo
Coilcraft lnc.
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L Datasheet
118Kb / 3P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL_13 Datasheet
276Kb / 2P
   Common Mode Line Chokes
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L_13 Datasheet
125Kb / 5P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL Datasheet
110Kb / 2P
   Common Mode Line Chokes
P3213-AL COILCRAFT-P3213-AL Datasheet
139Kb / 3P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL Datasheet
97Kb / 2P
   Common Mode Line Chokes
logo
Bi technologies
HM19 BITECH-HM19 Datasheet
115Kb / 2P
   Toroid Style Common-Mode Chokes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com