Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-0402CD1N0KTT Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # PE-0402CD1N0KTT
Description  WIRE-WOUND RF CHIP INDUCTORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0402CD1N0KTT Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  PE-0402CD1N0KTT Datasheet HTML 1Page - Pulse A Technitrol Company PE-0402CD1N0KTT Datasheet HTML 2Page - Pulse A Technitrol Company PE-0402CD1N0KTT Datasheet HTML 3Page - Pulse A Technitrol Company PE-0402CD1N0KTT Datasheet HTML 4Page - Pulse A Technitrol Company PE-0402CD1N0KTT Datasheet HTML 5Page - Pulse A Technitrol Company PE-0402CD1N0KTT Datasheet HTML 6Page - Pulse A Technitrol Company PE-0402CD1N0KTT Datasheet HTML 7Page - Pulse A Technitrol Company PE-0402CD1N0KTT Datasheet HTML 8Page - Pulse A Technitrol Company PE-0402CD1N0KTT Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
WIRE-WOUND
RF CHIP INDUCTORS
Part Number Legend
Design Kits Available from Pulse
Product KIT Series
Kit Part Number
Tolerance
0402CD Series
PE-0402CDKIT-T
2%
0603CD Series
PE-0603CDKIT-T
2%
0805CD Series
PE-0805CDKIT-T
2%
1008CD Series
PE-1008CDKIT-T
2%
NOTE: 0805CM, 1008CM and 1008CQ design kits are not available at this time.
INDUCTANCE (nH)
Representative of the
inductance value
TOLERANCE
F =±1%
G =±2%
J =±5%
TERMINATION (Lead Free Compatible)
T = Gold or Tin plating (Gold plating is priority)
G = Gold plating only
S = Tin plating only
CORE MATERIAL
C = Ceramic (Alumina)
CD = Standard range
CM = Alternative performance/inductance to CD
(0402, 0603, 0805, 1008, or 1206)
CQ = High Q
F = Ferrite
K = ±10%
B = ± 0.2nH
S = ± 0.3nH
PACKAGING (T = Tape & Reel: 7 or 13 reel)
0402
0603
0805
1008
1206
3000
2000
2000
1600
3000
Size
Pcs/Reel
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• GShanghai 86 21 62787060 •• China 86 755 33966678 •• Taiwan 886 3 4356768
www.pulseeng.com
2
WC701.L (4/10)


Similar Part No. - PE-0402CD1N0KTT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0402CD1N0KTG PULSE-PE-0402CD1N0KTG Datasheet
201Kb / 5P
   RF CHIP INDUCTORS
More results

Similar Description - PE-0402CD1N0KTT

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TREM322522N TOKEN-TREM322522N Datasheet
393Kb / 6P
   TREM RF Chip Wire Wound Inductors
TREC322522N TOKEN-TREC322522N Datasheet
379Kb / 5P
   TREC Chip Wire Wound RF Inductors
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com