Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1206L150TH Datasheet(PDF) 5 Page - Littelfuse

Part # 1206L150TH
Description  Fast response to fault currents Compact design saves board space
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1206L150TH Datasheet(HTML) 5 Page - Littelfuse

  1206L150TH Datasheet HTML 1Page - Littelfuse 1206L150TH Datasheet HTML 2Page - Littelfuse 1206L150TH Datasheet HTML 3Page - Littelfuse 1206L150TH Datasheet HTML 4Page - Littelfuse 1206L150TH Datasheet HTML 5Page - Littelfuse 1206L150TH Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
31
Revised: June 6, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc
1206L Series
Surface Mount > 1206L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/1206L.html for current information.
Part Ordering Number System
PACKAGING STYLE
DEVICE SIZE CODE (0.12 x 0.06 inch)
L: LITTELFUSE SURFACE MOUNT PPTC
I
HOLD HOLD CURRENT CODE
(Refer to Electrical Characteristics Table)
SPECIAL VOLTAGE RATING ITEM
(Applicable only to 1206L035/16 and 1206L050/15. Refer to
Electrical Characteristics Table for additional information)
QUANTITY CODE: W=3000 Y=4000 P=2000
R: Tape & Reel
SERIES
1206 L xxx /xx TH Y R
LOW PROFILE DEVICE INDICATOR
(Required, for L075, L110 and L150 device orders only.
Refer to “C” in Dimensions section.)
Packaging Options
Part Number
Ordering Number
Halogen Free
I
hold
(A)
I
hold Code
Packaging Option
Quantity
Quantity/Pack Code
1206L012
1206L012WR
Yes
0.125
012
Tape and Reel
3000
WR
1206L016
1206L016WR
Yes
0.16
016
Tape and Reel
3000
WR
1206L020
1206L020YR
Yes
0.20
020
Tape and Reel
4000
YR
1206L025
1206L025YR
Yes
0.25
025
Tape and Reel
4000
YR
1206L035
1206L035YR
Yes
0.35
035
Tape and Reel
4000
YR
1206L035/16
1206L035/16YR
Yes
0.35
035
Tape and Reel
4000
YR
1206L050
1206L050YR
Yes
0.50
050
Tape and Reel
4000
YR
1206L050/15
1206L050/15YR
Yes
0.50
050
Tape and Reel
4000
YR
1206L075/13.2
1206L075/13.2WR
Yes
0.75
075
Tape and Reel
3000
WR
1206L075TH
1206L075THYR
Yes
0.75
075
Tape and Reel
4000
YR
1206L110TH
1206L110THYR
Yes
1.10
110
Tape and Reel
4000
YR
1206L150TH
1206L150THWR
Yes
1.50
150
Tape and Reel
3000
WR
1206L175
1206L175PR
Yes
1.75
175
Tape and Reel
2000
PR
1206L200
1206L200PR
Yes
2.00
200
Tape and Reel
2000
PR


Similar Part No. - 1206L150TH

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L150TH LITTELFUSE-1206L150TH Datasheet
797Kb / 6P
   The 1206L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
1206L150TH-1 LITTELFUSE-1206L150TH-1 Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
More results

Similar Description - 1206L150TH

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PCF-RC TTELEC-PCF-RC Datasheet
156Kb / 1P
   saves board space
logo
Maxim Integrated Produc...
MAXM17543 MAXIM-MAXM17543 Datasheet
829Kb / 18P
   Saves Board Space in Space-Constrained Applications
Rev 0; 11/14
logo
Bourns Electronic Solut...
MF-FSMF050X-2 BOURNS-MF-FSMF050X-2 Datasheet
264Kb / 4P
   Compact design to save board space - 0603 footprint
logo
Maxim Integrated Produc...
MAXM17514 MAXIM-MAXM17514 Datasheet
588Kb / 15P
   Saves Board Space in Space-Constrained Applications
Rev 1; 4/15
logo
Micro Commercial Compon...
ESDLC0524DFN10 MCC-ESDLC0524DFN10 Datasheet
689Kb / 4P
   Small package saves board space
logo
Shanghai Leiditech Elec...
SMD1812 LEIDITECH-SMD1812 Datasheet
764Kb / 5P
   Smaller size saves board space and cost
30V LEIDITECH-30V Datasheet
638Kb / 3P
   Smaller size saves board space and cost
logo
Axiomtek Co., Ltd.
GOT-3840TL AXIOMTEK-GOT-3840TL_16 Datasheet
318Kb / 2P
   Compact design for space-limited application
GOT-3840TL AXIOMTEK-GOT-3840TL Datasheet
277Kb / 2P
   Compact design for space-limited application
logo
Productwell Precision E...
RKJXP13N01 PRODUCTWELL-RKJXP13N01_14 Datasheet
150Kb / 1P
   Compact design with a good space factor.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com