Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2553IPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2553IPWR
Description  12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2553IPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2553IPWR Datasheet HTML 6Page - Texas Instruments TLV2553IPWR Datasheet HTML 7Page - Texas Instruments TLV2553IPWR Datasheet HTML 8Page - Texas Instruments TLV2553IPWR Datasheet HTML 9Page - Texas Instruments TLV2553IPWR Datasheet HTML 10Page - Texas Instruments TLV2553IPWR Datasheet HTML 11Page - Texas Instruments TLV2553IPWR Datasheet HTML 12Page - Texas Instruments TLV2553IPWR Datasheet HTML 13Page - Texas Instruments TLV2553IPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TLV2553
SLAS354B – SEPTEMBER 2001 – REVISED SEPTEMBER 2002
10
www.ti.com
TYPICAL CHARACTERISTICS
Figure 5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–40
–25
–10
5
203550
6580
MAXIMUM DIFFERENTIAL NONLINEARITY
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 2.7 V
VREF+ = 2.5 V
VREF– = 0 V
I/O CLOCK = 10 MHz
Figure 6
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
–0.0
–40
–25
–10
5
203550
6580
MINIMUM DIFFERENTIAL NONLINEARITY
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 2.7 V
VREF+ = 2.5 V
VREF– = 0 V
I/O CLOCK = 10 MHz
Figure 7
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
–40
–25
–10
5
203550
6580
MAXIMUM INTEGRAL NONLINEARITY
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 2.7 V
VREF+ = 2.5 V
VREF– = 0 V
I/O CLOCK = 10 MHz
Figure 8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
–0.0
–40
–25
–10
5
203550
6580
MINIMUM INTEGRAL NONLINEARITY
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 2.7 V
VREF+ = 2.5 V
VREF– = 0 V
I/O CLOCK = 10 MHz


Similar Part No. - TLV2553IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2553IPWR TI1-TLV2553IPWR Datasheet
986Kb / 30P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553IPWR TI1-TLV2553IPWR Datasheet
1Mb / 36P
[Old version datasheet]   11-Channel, Low-Power, Serial ADC
TLV2553IPWRG4 TI1-TLV2553IPWRG4 Datasheet
986Kb / 30P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553IPWRG4 TI1-TLV2553IPWRG4 Datasheet
1Mb / 36P
[Old version datasheet]   11-Channel, Low-Power, Serial ADC
TLV2553IPWRQ1 TI1-TLV2553IPWRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit 200-KSPS 11-Channel Low-Power Serial ADC
More results

Similar Description - TLV2553IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
TLV2553 TI1-TLV2553_14 Datasheet
986Kb / 30P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit 200-KSPS 11-Channel Low-Power Serial ADC
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
logo
Analog Devices
AD678 AD-AD678_15 Datasheet
305Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD678 AD-AD678 Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com