Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0441005.WR Datasheet(PDF) 2 Page - Littelfuse

Part # 0441005.WR
Description  Operating Temperature from -55쨘C to 150쨘C Suitable for both leaded and lead-free reflow
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0441005.WR Datasheet(HTML) 2 Page - Littelfuse

  0441005.WR_11 Datasheet HTML 1Page - Littelfuse 0441005.WR_11 Datasheet HTML 2Page - Littelfuse 0441005.WR_11 Datasheet HTML 3Page - Littelfuse 0441005.WR_11 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
2
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
441 Series
Ceramic Fuse > 441 Series
Please refer to www.littelfuse.com/series/441.html for current information.
Average Time Current Curves
0.001
0.01
0.1
1
10
100
1
10
100
CURRENT IN AMPERES
reflow condition
Pb–freeassembly
pre Heat
-Temperature min (T
s(min))
150°C
-Temperature max (T
s(max))
200°C
-Time (min to max) (t
s)
60–180seconds
Average ramp-up rate (liquidusTemp
(T
l) to peak)
3°C/second max.
T
S(max) to Tl - ramp-up rate
5°C/second max.
reflow
-Temperature (T
l) (liquidus)
217°C
-Temperature (t
l)
60–150seconds
peakTemperature (T
p)
260+0/-5 °C
Time within 5°c of actual peak
Temperature (t
p)
10–30seconds
ramp-down rate
6°C/second max.
Time 25°c to peakTemperature (T
p)
8 minutes max.
Do not exceed
260°C
Soldering Parameters
Temperature Rerating Curve
40
60
80
100
120
140
-65
-45
-25
-5
15
35
55
75
95
115
135 155
TEMPERATURE (°C)
For continuous operation at 75 degrees celsius, the fuse should be rerated as follows:
I = (0.80)(0.85)I
RAT = (0.68)IRAT
Note:
1. Rerating depicted in this curve is in addition to the standard rerating of 20% for
continuous operation.
Wave Soldering
260°C, 10 seconds max.
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP


Similar Part No. - 0441005.WR_11

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0441005.WR LITTELFUSE-0441005.WR Datasheet
192Kb / 4P
   Surface Mount Fuses
More results

Similar Description - 0441005.WR_11

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9674 HAMAMATSU-S9674 Datasheet
63Kb / 2P
   Si photodiode Suitable for lead-free solder reflow, operating/storage temperature: -40 to 125 째C
logo
Panasonic Semiconductor
EEEFP0J220AR PANASONIC-EEEFP0J220AR_V01 Datasheet
2Mb / 11P
   High temperature Lead-Free reflow
06-Dec-19
logo
Hamamatsu Corporation
S9674 HAMAMATSU-S9674_11 Datasheet
311Kb / 3P
   Suitable for lead-free solder refl ow, operating/storage temperature: -40 to 125 째C
logo
EPCOS
B82442H1224K EPCOS-B82442H1224K Datasheet
484Kb / 9P
   Suitable for lead-free reflow soldering as referenced in JEDEC J-STD 020D
logo
OSRAM GmbH
SFH-2200 OSRAM-SFH-2200 Datasheet
673Kb / 13P
   Suitable for reflow soldering
SFH-2200-FA OSRAM-SFH-2200-FA Datasheet
604Kb / 13P
   Suitable for reflow soldering
SFH-2201 OSRAM-SFH-2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
SFH2201 OSRAM-SFH2201 Datasheet
488Kb / 12P
   Suitable for reflow soldering
logo
AVX Corporation
VR15 AVX-VR15 Datasheet
235Kb / 2P
   Radial Leaded High Temperature Automotive 150쨘C Rated Radial Leaded TransGuard짰
logo
Vanlong Technology Co.,...
MD-MP VANLONG-MD-MP Datasheet
52Kb / 1P
   Suitable for surface mount and reflow soldering
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com