Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA333AIDCKTG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA333AIDCKTG4
Description  1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA333AIDCKTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA333AIDCKTG4 Datasheet HTML 4Page - Texas Instruments OPA333AIDCKTG4 Datasheet HTML 5Page - Texas Instruments OPA333AIDCKTG4 Datasheet HTML 6Page - Texas Instruments OPA333AIDCKTG4 Datasheet HTML 7Page - Texas Instruments OPA333AIDCKTG4 Datasheet HTML 8Page - Texas Instruments OPA333AIDCKTG4 Datasheet HTML 9Page - Texas Instruments OPA333AIDCKTG4 Datasheet HTML 10Page - Texas Instruments OPA333AIDCKTG4 Datasheet HTML 11Page - Texas Instruments OPA333AIDCKTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
APPLICATIONS INFORMATION
INPUT VOLTAGE
5k
W
OPA333
10mAmax
+5V
V
IN
V
OUT
I
OVERLOAD
Current-limitingresistor
requiredifinputvoltage
exceedssupplyrailsby
³ 0.5V.
OPERATING VOLTAGE
INTERNAL OFFSET CORRECTION
OPA333
OPA2333
SBOS351C – MARCH 2006 – REVISED MAY 2007
The OPA333 and OPA2333 are unity-gain stable and
free from unexpected output phase reversal. They
use
a
proprietary
auto-calibration
technique
to
The OPA333 and OPA2333 input common-mode
provide low offset voltage and very low drift over time
voltage range extends 0.1V beyond the supply rails.
and temperature. For lowest offset voltage and
The OPA333 is designed to cover the full range
precision performance, circuit layout and mechanical
without the troublesome transition region found in
conditions should be optimized. Avoid temperature
some other rail-to-rail amplifiers.
gradients
that
create
thermoelectric
(Seebeck)
Normally, input bias current is about 70pA; however,
effects in the thermocouple junctions formed from
input voltages exceeding the power supplies can
connecting
dissimilar
conductors.
These
cause excessive current to flow into or out of the
thermally-generated potentials can be made to
input pins. Momentary voltages greater than the
cancel by assuring they are equal on both input
power supply can be tolerated if the input current is
terminals. Other layout and design considerations
limited
to
10mA.
This
limitation
is
easily
include:
accomplished with an input resistor, as shown in
• Use low thermoelectric-coefficient conditions
Figure 18.
(avoid dissimilar metals).
• Thermally isolate components from power
supplies or other heat sources.
• Shield op amp and input circuitry from air
currents, such as cooling fans.
Following these guidelines will reduce the likelihood
of junctions being at different temperatures, which
can cause thermoelectric voltages of 0.1
μV/
°C or
higher, depending on materials used.
Figure 18. Input Current Protection
The OPA333 and OPA2333 op amps operate over a
power-supply range of +1.8V to +5.5V (
±0.9V to
±2.75V). Supply voltages higher than +7V (absolute
maximum) can permanently damage the device.
The OPA333 and OPA2333 op amps use an
Parameters
that
vary
over
supply
voltage
or
auto-calibration technique with a time-continuous
temperature are shown in the Typical Characteristics
350kHz op amp in the signal path. This amplifier is
section of this data sheet.
zero-corrected
every
8
μs
using
a
proprietary
technique. Upon power-up, the amplifier requires
approximately
100
μs
to
achieve
specified
VOS
accuracy. This design has no aliasing or flicker
noise.
8
Submit Documentation Feedback


Similar Part No. - OPA333AIDCKTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA333AIDCKTG4 BURR-BROWN-OPA333AIDCKTG4 Datasheet
474Kb / 18P
   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA333AIDCKTG4 TI1-OPA333AIDCKTG4 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
OPA333AIDCKTG4 TI1-OPA333AIDCKTG4 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
More results

Similar Description - OPA333AIDCKTG4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Burr-Brown (TI)
OPA333 BURR-BROWN-OPA333 Datasheet
474Kb / 18P
   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333_17 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Linear Technology
LTC2055 LINER-LTC2055 Datasheet
190Kb / 12P
   Single/Dual Micropower Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com