Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA333AIDCKT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA333AIDCKT
Description  1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA333AIDCKT Datasheet(HTML) 5 Page - Texas Instruments

  OPA333AIDCKT Datasheet HTML 1Page - Texas Instruments OPA333AIDCKT Datasheet HTML 2Page - Texas Instruments OPA333AIDCKT Datasheet HTML 3Page - Texas Instruments OPA333AIDCKT Datasheet HTML 4Page - Texas Instruments OPA333AIDCKT Datasheet HTML 5Page - Texas Instruments OPA333AIDCKT Datasheet HTML 6Page - Texas Instruments OPA333AIDCKT Datasheet HTML 7Page - Texas Instruments OPA333AIDCKT Datasheet HTML 8Page - Texas Instruments OPA333AIDCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
OffsetVoltage( V)
m
OffsetVoltageDrift( V/ C)
m
°
10
120
100
80
60
40
20
0
-20
250
200
150
100
50
0
-50
-100
100k
10k
1k
100
Frequency(Hz)
1M
Phase
Gain
1
140
120
100
80
60
40
20
0
100k
10k
1k
100
10
Frequency(Hz)
1M
1
120
100
80
60
40
20
0
10k
100k
1k
100
10
Frequency(Hz)
1M
+PSRR
-PSRR
0
3
2
1
0
-1
-2
-3
1
OutputCurrent(mA)
10
7
8
9
6
5
4
3
2
-
°
40 C
-
°
40 C
-
°
40 C
+25 C
°
+25 C
°
+25 C
°
+125 C
°
+125 C
°
V = 2.75V
±
S
V = 0.9V
±
S
OPA333
OPA2333
SBOS351C – MARCH 2006 – REVISED MAY 2007
At TA = +25°C, VS = +5V, and CL = 0pF, unless otherwise noted.
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
OFFSET VOLTAGE DRIFT PRODUCTION DISTRIBUTION
Figure 1.
Figure 2.
OPEN-LOOP GAIN vs FREQUENCY
COMMON-MODE REJECTION RATIO vs FREQUENCY
Figure 3.
Figure 4.
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Figure 5.
Figure 6.
5
Submit Documentation Feedback


Similar Part No. - OPA333AIDCKT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA333AIDCKT BURR-BROWN-OPA333AIDCKT Datasheet
474Kb / 18P
   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA333AIDCKT TI1-OPA333AIDCKT Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
OPA333AIDCKT TI1-OPA333AIDCKT Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
logo
Burr-Brown (TI)
OPA333AIDCKTG4 BURR-BROWN-OPA333AIDCKTG4 Datasheet
474Kb / 18P
   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA333AIDCKTG4 TI1-OPA333AIDCKTG4 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
More results

Similar Description - OPA333AIDCKT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Burr-Brown (TI)
OPA333 BURR-BROWN-OPA333 Datasheet
474Kb / 18P
   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333_17 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Linear Technology
LTC2055 LINER-LTC2055 Datasheet
190Kb / 12P
   Single/Dual Micropower Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com