Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRM3215CC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FRM3215CC
Description  Ultra-fast POWERplanar??Rectifiers 32 A, 50-200V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FRM3215CC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FRM3215CC Datasheet HTML 1Page - Fairchild Semiconductor FRM3215CC Datasheet HTML 2Page - Fairchild Semiconductor FRM3215CC Datasheet HTML 3Page - Fairchild Semiconductor FRM3215CC Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - FRM3215CC

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FRM3Z121KT EUDYNA-FRM3Z121KT Datasheet
121Kb / 5P
   InGaAs-PIN/Preamp Receiver
FRM3Z121LT EUDYNA-FRM3Z121LT Datasheet
121Kb / 5P
   InGaAs-PIN/Preamp Receiver
FRM3Z231KT EUDYNA-FRM3Z231KT Datasheet
330Kb / 5P
   InGaAs-PIN/Preamp Receiver
FRM3Z231LT EUDYNA-FRM3Z231LT Datasheet
330Kb / 5P
   InGaAs-PIN/Preamp Receiver
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
   InGaAs-PIN/Preamp Preamp
More results

Similar Description - FRM3215CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FRP800 FAIRCHILD-FRP800 Datasheet
108Kb / 4P
   Ultra-fast POWERplanar??Rectifiers 8 A, 50-200 V
FRP1600CC FAIRCHILD-FRP1600CC Datasheet
110Kb / 4P
   Ultra-fast POWERplanar??Rectifiers 16 A, 50-200 V
logo
Mospec Semiconductor
U16C05 MOSPEC-U16C05 Datasheet
138Kb / 2P
   FAST RECTIFIERS(16A,50-200V)
U10A05 MOSPEC-U10A05 Datasheet
133Kb / 2P
   FAST RECTIFIERS(10A,50-200V)
U15A05 MOSPEC-U15A05 Datasheet
132Kb / 2P
   FAST RECTIFIERS(15A,50-200V)
F06C05 MOSPEC-F06C05 Datasheet
133Kb / 2P
   FAST RECOVERY RECTIFIERS(6.0A,50-200V)
logo
Taiwan Semiconductor Co...
UG1004G TSC-UG1004G Datasheet
209Kb / 4P
   10A, 200V - 600V Ultra Fast Rectifiers
UG54G TSC-UG54G Datasheet
390Kb / 4P
   5A, 200V - 600V Ultra Fast Rectifiers
UF1DLW TSC-UF1DLW Datasheet
427Kb / 7P
   1A, 200V - 600V Surface Mount Ultra Fast Rectifiers
logo
Gulf Semiconductor
FERP30D GULFSEMI-FERP30D Datasheet
93Kb / 2P
   Ultra fast Plastic Rectifiers VOLTAGE: 200V CURRENT:30.0A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com