Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA333AIDCKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA333AIDCKR
Description  1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA333AIDCKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA333AIDCKR Datasheet HTML 5Page - Texas Instruments OPA333AIDCKR Datasheet HTML 6Page - Texas Instruments OPA333AIDCKR Datasheet HTML 7Page - Texas Instruments OPA333AIDCKR Datasheet HTML 8Page - Texas Instruments OPA333AIDCKR Datasheet HTML 9Page - Texas Instruments OPA333AIDCKR Datasheet HTML 10Page - Texas Instruments OPA333AIDCKR Datasheet HTML 11Page - Texas Instruments OPA333AIDCKR Datasheet HTML 12Page - Texas Instruments OPA333AIDCKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
ACHIEVING OUTPUT SWING TO THE OP
GENERAL LAYOUT GUIDELINES
V
OUT
R =20k
W
P
OpAmpV =GND
-
OPA333
V
IN
V+=+5V
-5V
Additional
Negative
Supply
+
+
+
-
-
4.096V
0.1 F
m
+5V
ZeroAdj.
K-Type
Thermocouple
40.7 V/ C
m
°
R
2
549
W
R
9
150k
W
R
5
31.6k
W
R
1
6.04k
W
R
6
200
W
+5V
0.1 F
m
R
2
2.94k
W
V
O
R
3
60.4
W
R
4
6.04k
W
OPA333
D1
REF3140
OPA333
OPA2333
SBOS351C – MARCH 2006 – REVISED MAY 2007
works with some types of output stages. The
AMP NEGATIVE RAIL
OPA333 and OPA2333 have been characterized to
perform with this technique; the recommended
Some applications require output voltage swings
resistor value is approximately 20k
Ω. Note that this
from 0V to a positive full-scale voltage (such as
configuration will increase the current consumption
+2.5V)
with
excellent
accuracy.
With
most
by several hundreds of microamps. Accuracy is
single-supply op amps, problems arise when the
excellent down to 0V and as low as –2mV. Limiting
output signal approaches 0V, near the lower output
and nonlinearity occurs below –2mV, but excellent
swing limit of a single-supply op amp. A good
accuracy returns as the output is again driven above
single-supply
op
amp
may
swing
close
to
–2mV. Lowering the resistance of the pull-down
single-supply ground, but will not reach ground. The
resistor will allow the op amp to swing even further
output of the OPA333 and OPA2333 can be made to
below the negative rail. Resistances as low as 10k
swing to ground, or slightly below, on a single-supply
can be used to achieve excellent accuracy down to
power source. To do so requires the use of another
–10mV.
resistor and an additional, more negative, power
supply than the op amp negative supply. A pull-down
resistor may be connected between the output and
the additional negative supply to pull the output down
Attention
to
good
layout
practices
is
always
below the value that the output would otherwise
recommended.
Keep
traces
short
and,
when
achieve, as shown in Figure 19.
possible, use a printed circuit board (PCB) ground
plane with surface-mount components placed as
close to the device pins as possible. Place a 0.1
μF
capacitor closely across the supply pins. These
guidelines should be applied throughout the analog
circuit to improve performance and provide benefits
such
as
reducing
the
EMI
(electromagnetic-interference) susceptibility.
Operational amplifiers vary in their susceptibility to
radio frequency interference (RFI). RFI can generally
be identified as a variation in offset voltage or dc
signal levels with changes in the interfering RF
signal. The OPA333 has been specifically designed
to minimize susceptibility to RFI and demonstrates
Figure 19. For VOUT Range to Ground
remarkably low sensitivity compared to previous
generation devices. Strong RF fields may still cause
varying offset levels.
The OPA333 and OPA2333 have an output stage
that allows the output voltage to be pulled to its
negative supply rail, or slightly below, using the
technique previously described. This technique only
Figure 20. Temperature Measurement
9
Submit Documentation Feedback


Similar Part No. - OPA333AIDCKR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA333AIDCKR BURR-BROWN-OPA333AIDCKR Datasheet
474Kb / 18P
   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA333AIDCKR TI1-OPA333AIDCKR Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
OPA333AIDCKR TI1-OPA333AIDCKR Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
logo
Burr-Brown (TI)
OPA333AIDCKRG4 BURR-BROWN-OPA333AIDCKRG4 Datasheet
474Kb / 18P
   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA333AIDCKRG4 TI1-OPA333AIDCKRG4 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
More results

Similar Description - OPA333AIDCKR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Burr-Brown (TI)
OPA333 BURR-BROWN-OPA333 Datasheet
474Kb / 18P
   1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zer-PI Drift Series
logo
Texas Instruments
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333_17 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333 Datasheet
1Mb / 42P
[Old version datasheet]   CMOS Operational Amplifiers, Zero-Drift Series
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Linear Technology
LTC2055 LINER-LTC2055 Datasheet
190Kb / 12P
   Single/Dual Micropower Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com