Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB1210BRHBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1210BRHBR
Description  Standalone USB Transceiver Chip Silicon
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1210BRHBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB1210BRHBR Datasheet HTML 3Page - Texas Instruments TUSB1210BRHBR Datasheet HTML 4Page - Texas Instruments TUSB1210BRHBR Datasheet HTML 5Page - Texas Instruments TUSB1210BRHBR Datasheet HTML 6Page - Texas Instruments TUSB1210BRHBR Datasheet HTML 7Page - Texas Instruments TUSB1210BRHBR Datasheet HTML 8Page - Texas Instruments TUSB1210BRHBR Datasheet HTML 9Page - Texas Instruments TUSB1210BRHBR Datasheet HTML 10Page - Texas Instruments TUSB1210BRHBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
REFCLK
1
24
N/C
NXT
2
23
ID
DATA0
3
TUSB1210
RHB PACKAGE
(TOP VIEW)
22 VBUS
DATA1
4
32-pin QFN
21 VBAT
DATA2
5
20 VDD33
DATA3
6
19
DM
DATA4
7
GND
18
DP
N/C
8
17
CPEN
TUSB1210
www.ti.com
SLLSE09F – NOVEMBER 2009 – REVISED AUGUST 2012
2
Description
The TUSB1210 is a USB2.0 transceiver chip, designed to interface with a USB controller via a ULPI
interface. It supports all USB2.0 data rates (High-Speed 480Mbps, Full-Speed 12 Mbps and Low-Speed
1.5Mbps), and is compliant to both Host and Peripheral modes. It additionally supports a UART mode and
legacy ULPI serial modes.
TUSB1210 also supports the OTG (Ver1.3) optional addendum to the USB 2.0 Specification, including
Host Negotiation Protocol (HNP) and Session Request Protocol (SRP).
TUSB1210 is optimized to be interfaced through a 12-pin SDR UTMI Low Pin Interface (ULPI), supporting
both input clock and output clock modes, with 1.8 V interface supply voltage.
TUSB1210 integrates a 3.3 V LDO, which makes it flexible to work with either battery operated systems or
pure 3.3 V supplied systems. Both the main supply and the 3.3 V power domain can be supplied through
an external switched-mode converter for optimized power efficiency.
TUSB1210 includes a POR circuit to detect supply presence on VBAT and VDDIO pins. TUSB1210 can be
disabled or configured in low power mode for energy saving.
TUSB1210 is protected against accidental shorts to 5 V or ground on its exposed interface (DP/DM/ID). It
is also protected against up to 20 V surges on VBUS.
TUSB1210 integrates a high-performance low-jitter 480 MHz PLL and supports two clock configurations.
Depending on the required link configuration, TUSB1210 supports both ULPI input and output clock
mode : input clock mode, in which case a square-wave 60 MHz clock is provided to TUSB1210 at the
ULPI interface CLOCK pin; and output clock mode in which case TUSB1210 can accept a square-wave
reference clock at REFCLK of either 19.2 MHz, 26 MHz. Frequency is indicated to TUSB1210 via the
configuration pin CFG. This can be useful if a reference clock is already available in the system.
1
2.1
Terminal Description
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2009–2012, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TUSB1210BRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1210BRHBR TI1-TUSB1210BRHBR Datasheet
1Mb / 66P
[Old version datasheet]   TUSB1210 Stand-Alone USB Transceiver Chip Silicon
TUSB1210BRHBR TI1-TUSB1210BRHBR Datasheet
1Mb / 66P
[Old version datasheet]   Stand-Alone USB Transceiver Chip Silicon
TUSB1210BRHBRQ1 TI1-TUSB1210BRHBRQ1 Datasheet
1Mb / 66P
[Old version datasheet]   TUSB1210-Q1 Standalone USB Transceiver Chip Silicon
More results

Similar Description - TUSB1210BRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1211 TI1-TUSB1211 Datasheet
266Kb / 21P
[Old version datasheet]   Standalone USB Transceiver Chip
TUSB1210-Q1 TI1-TUSB1210-Q1 Datasheet
1Mb / 66P
[Old version datasheet]   TUSB1210-Q1 Standalone USB Transceiver Chip Silicon
TUSB1210 TI1-TUSB1210_17 Datasheet
1Mb / 66P
[Old version datasheet]   Stand-Alone USB Transceiver Chip Silicon
TUSB1210 TI1-TUSB1210 Datasheet
1Mb / 66P
[Old version datasheet]   TUSB1210 Stand-Alone USB Transceiver Chip Silicon
TUSB1211 TI1-TUSB1211_17 Datasheet
1Mb / 80P
[Old version datasheet]   Stand-Alone USB Transceiver Chip
logo
STMicroelectronics
STUSB4500L STMICROELECTRONICS-STUSB4500L Datasheet
646Kb / 31P
   Standalone USB Type-C??sink port controller
Rev 1 - October 2019
logo
Asahi Kasei Microsystem...
AK4170 AKM-AK4170 Datasheet
82Kb / 10P
   USB TRANSCEIVER
logo
Micrel Semiconductor
MIC2551A MICREL-MIC2551A Datasheet
79Kb / 11P
   USB TRANSCEIVER
MIC2551 MICREL-MIC2551_08 Datasheet
94Kb / 11P
   USB Transceiver
MIC2551A MICREL-MIC2551A_11 Datasheet
96Kb / 11P
   USB Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com