Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

250R145-RA Datasheet(PDF) 2 Page - Littelfuse

Part # 250R145-RA
Description  Fast time - to - trip Access equipment Lan/Wan equipment
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

250R145-RA Datasheet(HTML) 2 Page - Littelfuse

  250R145-RA Datasheet HTML 1Page - Littelfuse 250R145-RA Datasheet HTML 2Page - Littelfuse 250R145-RA Datasheet HTML 3Page - Littelfuse 250R145-RA Datasheet HTML 4Page - Littelfuse 250R145-RA Datasheet HTML 5Page - Littelfuse 250R145-RA Datasheet HTML 6Page - Littelfuse 250R145-RA Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
98
Revised: August 31, 2011
POLY-FUSE® Resettable PTCs
© 2011 Littelfuse, Inc.
250R Series
Radial Leaded > 250R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/250R.html for current information.
Ambient OperationTemperature
Part Number
Hold Current (A)
250R080
0.12
0.11
0.09
0.08
0.06
0.05
0.05
0.04
0.03
250R080T
0.12
0.11
0.09
0.08
0.06
0.05
0.05
0.04
0.03
250R120
0.18
0.16
0.14
0.12
0.10
0.09
0.08
0.06
0.05
250R120T
0.18
0.16
0.14
0.12
0.10
0.09
0.08
0.06
0.05
250R145
0.26
0.20
0.17
0.145
0.12
0.11
0.09
0.08
0.06
250R145T
0.26
0.20
0.17
0.145
0.12
0.11
0.09
0.08
0.06
250R180
0.28
0.23
0.21
0.18
0.16
0.13
0.10
0.11
0.083
250R180T
0.28
0.23
0.21
0.18
0.16
0.13
0.10
0.11
0.083
Temperature Rerating
Temperature Rerating Curve
-40 -30 -20
-10
0
10
20 30
40
5060
70
80
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
Average Time Current Curves
The average time current curves and Temperature Rerating curve performance is affected
by a number or variables, and these curves provided as guidance only. Customer must
verify the performance in their application.
0.01
0.1
1
10
100
1000
10000
100000
250R
0.1
1
10
100
Current in Amperes


Similar Part No. - 250R145-RA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250R145-RA LITTELFUSE-250R145-RA Datasheet
378Kb / 6P
   POLYFUSE Resettable PTCs Radial Leaded
250R145-RA LITTELFUSE-250R145-RA Datasheet
619Kb / 7P
   POLY-FUSE짰 Resettable PTCs Radial Leaded > 250R Series
250R145-RA LITTELFUSE-250R145-RA Datasheet
267Kb / 7P
   POLYFUSE짰 Resettable PTCs
250R145-RA LITTELFUSE-250R145-RA Datasheet
619Kb / 7P
   POLY-FUSE Resettable PTCs
250R145-RA LITTELFUSE-250R145-RA Datasheet
729Kb / 7P
   The 250R Series is designed to protect against short duration high voltage fault currents
More results

Similar Description - 250R145-RA

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90866 MITEL-MT90866 Datasheet
34Kb / 6P
   WAN Access Switch
logo
ATMEL Corporation
AT28C64X ATMEL-AT28C64X_14 Datasheet
324Kb / 12P
   Fast Read Access Time
AT28C64 ATMEL-AT28C64_14 Datasheet
324Kb / 12P
   Fast Read Access Time
logo
Renesas Technology Corp
RC38612 RENESAS-RC38612 Datasheet
2Mb / 99P
   Radio Access Network Equipment Synchronizer
April 13, 2022
logo
Vitesse Semiconductor C...
VSC8489-10 VITESSE-VSC8489-10 Datasheet
411Kb / 2P
   Dual Channel WAN/LAN/Backplane RXAUI/XAUI to SFP/KR 10 GbE SerDes PHY with VeriTime™
2014
logo
Intel Corporation
82576EB INTEL-82576EB Datasheet
7Mb / 956P
   LAN Access Division
logo
List of Unclassifed Man...
A2111 ETC1-A2111 Datasheet
112Kb / 2P
   10 Gigabit Ethernet LAN/WAN PHY
logo
Littelfuse
16R250G LITTELFUSE-16R250G_10 Datasheet
225Kb / 6P
   100A short circuit rating 15V Operating voltages Fast time-to-trip
logo
Vitesse Semiconductor C...
VSC8486 VITESSE-VSC8486 Datasheet
485Kb / 2P
   10 Gbps XAUI or XGMII to XFI LAN/WAN Transceiver
logo
Omron Electronics LLC
CS1W-MCH71 OMRON-CS1W-MCH71 Datasheet
709Kb / 11P
   Improve Equipment Design Efficiency and Shorten Tact Time
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com