Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1250LLHLT-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1250LLHLT-T
Description  Hall Effect Latch / Bipolar Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1250LLHLT-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1250LLHLT-T Datasheet HTML 1Page - Allegro MicroSystems A1250LLHLT-T Datasheet HTML 2Page - Allegro MicroSystems A1250LLHLT-T Datasheet HTML 3Page - Allegro MicroSystems A1250LLHLT-T Datasheet HTML 4Page - Allegro MicroSystems A1250LLHLT-T Datasheet HTML 5Page - Allegro MicroSystems A1250LLHLT-T Datasheet HTML 6Page - Allegro MicroSystems A1250LLHLT-T Datasheet HTML 7Page - Allegro MicroSystems A1250LLHLT-T Datasheet HTML 8Page - Allegro MicroSystems A1250LLHLT-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Hall Effect Latch / Bipolar Switch
A1250
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS
Supply Voltage
VCC
Operating TJ < 165°C
3.0
24
V
Output Leakage Current
IOUTOFF
VOUT = 24 V, B < BRP
––
10
μA
Output On Voltage
VOUT(SAT) IOUT = 20 mA, B > BOP
500
mV
Output Current Limit
IOM
B > BOP
30–60
mA
Power-On Time
tPO
VCC > 3.0 V
25
μs
Chopping Frequency
fc
160
kHz
Output Rise Time1
tr
RLOAD = 820 Ω, CS = 20 pF
2
μs
Output Fall Time1
tf
RLOAD = 820 Ω, CS = 20 pF
2
μs
Supply Current
ICCON
B > BOP
––4
mA
ICCOFF
B < BRP
––4
mA
Reverse Battery Current
IRCC
VRCC = –18 V
–2
mA
Supply Zener Clamp Voltage
VZ
ICC = 6.5 mA, TA = 25°C
28
V
Supply Zener Current
IZ
VCC = 28 V
7
mA
MAGNETIC CHARACTERISTICS2
Valid at TA = –40°C to 150°C, TJ ≤ TJ(max), unless otherwise noted
Operate Point
BOP
–10
5
25
G
Release Point
BRP
–25
–5
10
G
Hysteresis
BHYS
510
25
G
1Guaranteed by design.
2Magnetic flux density, B, is indicated as negative value for north-polarity fields, and positive for south-polarity fields.
OPERATING CHARACTERISTICS Valid at TA = –40°C to 150°C, CBYPASS = 0.1 μF, unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit


Similar Part No. - A1250LLHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
More results

Similar Description - A1250LLHLT-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250_16 Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
logo
Unisonic Technologies
SK1816A UTC-SK1816A Datasheet
171Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT
SK1816M UTC-SK1816M Datasheet
200Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
SK1816 UTC-SK1816_15 Datasheet
278Kb / 8P
   BIPOLAR LATCH TYPE HALL EFFECT
U18 UTC-U18_15 Datasheet
62Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
logo
Infineon Technologies A...
TLE4946K INFINEON-TLE4946K Datasheet
703Kb / 19P
   High Precision Bipolar Hall-Effect Latch
Rev 1.0, September 2007
TLE4946-1L INFINEON-TLE4946-1L_08 Datasheet
667Kb / 17P
   High Precision Bipolar Hall-Effect Latch
Rev 1.2, December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com