Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZM5252B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TZM5252B
Description  Small Signal Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TZM5252B Datasheet(HTML) 3 Page - Vishay Siliconix

  TZM5252B Datasheet HTML 1Page - Vishay Siliconix TZM5252B Datasheet HTML 2Page - Vishay Siliconix TZM5252B Datasheet HTML 3Page - Vishay Siliconix TZM5252B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TZM5221B to TZM5267B
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 22-Nov-12
3
Document Number: 85609
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters (inches): MiniMELF SOD-80
Cathode indentification
0.47 (0.019) max.
2.5 (0.098) max.
1.25 (0.49) min.
3.7 (0.146)
3.3 (0.130)
5 (0.197) ref.
Foot print recommendation:
*
* The gap between plug and glass can
be either on cathode or anode side
Document no.:6.560-5005.01-4
Rev. 8 - Date: 07.June.2006
96 12070


Similar Part No. - TZM5252B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TZM5252B VISHAY-TZM5252B Datasheet
59Kb / 4P
   Silicon Z-Diodes
Rev. 2, 01-Apr-99
logo
TAITRON Components Inco...
TZM5252B TAITRON-TZM5252B Datasheet
204Kb / 5P
   500mW Surface Mount Zener Diodes
logo
Vishay Siliconix
TZM5252B VISHAY-TZM5252B Datasheet
81Kb / 5P
   Small Signal Zener Diodes
Rev. 1.5, 21-Mar-06
TZM5252B VISHAY-TZM5252B Datasheet
78Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 29-Nov-11
TZM5252B VISHAY-TZM5252B Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
More results

Similar Description - TZM5252B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com