Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68020RC25E Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC68020RC25E
Description  Object-Code Compatible with Earlier M68000 Microprocessors
Download  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68020RC25E Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC68020RC25E Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68020RC25E Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68020RC25E Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68020RC25E Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68020RC25E Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68020RC25E Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68020RC25E Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68020RC25E Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68020RC25E Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 306 page
background image
9/29/95
SECTION 1: OVERVIEW
UM Rev.1.0
xiv
M68020 USER’S MANUAL
MOTOROLA
LIST OF ILLUSTRATIONS
Figure
Page
Number
Title
Number
1-1
MC68020/EC020 Block Diagram .....................................................................1-3
1-2
User Programming Model ................................................................................1-5
1-3
Supervisor Programming Model Supplement .................................................. 1-6
1-4
Status Register (SR) ........................................................................................ 1-7
1-5
Instruction Pipe ................................................................................................1-13
2-1
General Exception Stack Frame ...................................................................... 2-6
3-1
Functional Signal Groups .................................................................................3-1
4-1
MC68020/EC020 On-Chip Cache Organization .............................................. 4-2
4-2
Cache Control Register ....................................................................................4-3
4-3
Cache Address Register .................................................................................. 4-4
5-1
Relationship between External and Internal Signals........................................ 5-2
5-2
Input Sample Window ......................................................................................5-2
5-3
Internal Operand Representation .....................................................................5-6
5-4
MC68020/EC020 Interface to Various Port Sizes ............................................5-6
5-5
Long-Word Operand Write to Word Port Example........................................... 5-10
5-6
Long-Word Operand Write to Word Port Timing ..............................................5-11
5-7
Word Operand Write to Byte Port Example ..................................................... 5-12
5-8
Word Operand Write to Byte Port Timing.........................................................5-13
5-9
Misaligned Long-Word Operand Write to Word Port Example ........................ 5-14
5-10
Misaligned Long-Word Operand Write to Word Port Timing............................ 5-15
5-11
Misaligned Long-Word Operand Read from Word Port Example .................... 5-16
5-12
Misaligned Word Operand Write to Word Port Example.................................. 5-16
5-13
Misaligned Word Operand Write to Word Port Timing ..................................... 5-17
5-14
Misaligned Word Operand Read from Word Bus Example .............................. 5-18
5-15
Misaligned Long-Word Operand Write to Long-Word Port Example ............... 5-18
5-16
Misaligned Long-Word Operand Write to Long-Word Port Timing .................. 5-19
5-17
Misaligned Long-Word Operand Read from Long-Word Port Example ........... 5-20
5-18
Byte Enable Signal Generation for 16- and 32-Bit Ports.................................. 5-23
5-19
Long-Word Read Cycle Flowchart ................................................................... 5-26
5-20
Byte Read Cycle Flowchart ..............................................................................5-27
5-21
Byte and Word Read Cycles—32-Bit Port ....................................................... 5-28
5-22
Long-Word Read—8-Bit Port ...........................................................................5-29
5-23
Long-Word Read—16- and 32-Bit Ports .......................................................... 5-30
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68020RC25E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68020RC25 MOTOROLA-MC68020RC25 Datasheet
1Mb / 306P
   MICROPROCESSORS USERS MANUAL
logo
Freescale Semiconductor...
MC68020RC25 FREESCALE-MC68020RC25 Datasheet
9Mb / 313P
   The first full 32-bit implementation of the M68000 family of microprocessors from Motorola
More results

Similar Description - MC68020RC25E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68040 MOTOROLA-M68040 Datasheet
3Mb / 442P
   M68000-compatible, high-performance, 32-bit microprocessors
logo
Freescale Semiconductor...
MC908KX2MDWE FREESCALE-MC908KX2MDWE Datasheet
1Mb / 210P
   High-performance M68HC08 architecture, Fully upward-compatible object code with M6805, M146805, and M68HC05 Families
logo
IK Semicon Co., Ltd
IN82C55 IKSEMICON-IN82C55 Datasheet
422Kb / 22P
   Compatible with all Intel and Most Other Microprocessors
logo
ATMEL Corporation
T87C5101 ATMEL-T87C5101_14 Datasheet
679Kb / 58P
   80C51 Code Compatible
logo
Freescale Semiconductor...
M68020 FREESCALE-M68020 Datasheet
9Mb / 313P
   The first full 32-bit implementation of the M68000 family of microprocessors from Motorola
logo
International Rectifier
IRACO201 IRF-IRACO201 Datasheet
124Kb / 1P
   AC Servo Control FPGA Object Code AcceleratorTM Soft ASIC Manual
logo
List of Unclassifed Man...
AM8224 ETC2-AM8224 Datasheet
75Kb / 1P
   CLOCK GENERATOR AND DRIVER FOR 8080A COMPATIBLE MICROPROCESSORS
logo
Advanced Micro Devices
AM8228 AMD-AM8228 Datasheet
73Kb / 1P
   System Controller and Bus Driver for 8080A Compatible Microprocessors
logo
Motorola, Inc
M68000 MOTOROLA-M68000 Datasheet
249Kb / 26P
   Addendum to M68000 User Manual
logo
Seiko Instruments Inc
S-2934A SII-S-2934A Datasheet
647Kb / 16P
   CMOS 4K- bit serial E2PROM Compatible with NMC93C66, NS code
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com