Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP2035UVT Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP2035UVT
Description  -20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2035UVT Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP2035UVT Datasheet HTML 1Page - Diodes Incorporated DMP2035UVT Datasheet HTML 2Page - Diodes Incorporated DMP2035UVT Datasheet HTML 3Page - Diodes Incorporated DMP2035UVT Datasheet HTML 4Page - Diodes Incorporated DMP2035UVT Datasheet HTML 5Page - Diodes Incorporated DMP2035UVT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMP2035UVT
Document number: DS35190 Rev. 5 - 2
3 of 6
www.diodes.com
March 2012
© Diodes Incorporated
DMP2035UVT
01
2
3
4
5
0
5
10
15
20
25
-V
, DRAIN -SOURCE VOLTAGE(V)
Fig. 1 Typical Output Characteristics
DS
V
= 3.0V
GS
V
= 3.2V
GS
V
= 3.5V
GS
V
= 4.5V
GS
V
= 8.0V
GS
V
= 2.5V
GS
V
= 2.0V
GS
V
= 1.5V
GS
0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
-V
, GATE-SOURCE VOLTAGE (V)
GS
Fig. 2 Typical Transfer Characteristics
T = 150 C
A
°
T = 125 C
A
°
T = 85 C
A
°
T = 25 C
A
°
T = -55 C
A
°
V
= -5.0V
DS
0.02
0.03
0.04
0.05
0.06
0.07
0.1
1
10
100
-I , DRAIN SOURCE CURRENT
Fig. 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
0.01
0.02
0.03
0.04
0.05
04
8
12
16
20
-I , DRAIN SOURCE CURRENT (A)
Fig. 4 Typical On-Resistance vs.
Drain Current and Temperature
D
T = -55 C
A
°
T = 25 C
A
°
T = 85 C
A
°
T = 125 C
A
°
T = 150 C
A
°
V= -4.5V
GS
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
°
Fig. 5 On-Resistance Variation with Temperature
0.5
0.7
0.9
1.1
1.3
1.5
1.7
0.01
0.02
0.03
0.04
0.05
0.06
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
°
Fig. 6 On-Resistance Variation with Temperature
V
= -4.5V
I=
A
GS
D
-10
V=
5V
I=
A
GS
D
-2.
-5


Similar Part No. - DMP2035UVT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2035UVT DIODES-DMP2035UVT Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT-13 DIODES-DMP2035UVT-13 Datasheet
217Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT-13 DIODES-DMP2035UVT-13 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT-7 DIODES-DMP2035UVT-7 Datasheet
217Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT-7 DIODES-DMP2035UVT-7 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP2035UVT

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com