Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG5802LFX-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMG5802LFX-7
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG5802LFX-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMG5802LFX-7 Datasheet HTML 1Page - Diodes Incorporated DMG5802LFX-7 Datasheet HTML 2Page - Diodes Incorporated DMG5802LFX-7 Datasheet HTML 3Page - Diodes Incorporated DMG5802LFX-7 Datasheet HTML 4Page - Diodes Incorporated DMG5802LFX-7 Datasheet HTML 5Page - Diodes Incorporated DMG5802LFX-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMG5802LFX
Document number: DS35009 Rev. 4 - 2
2 of 6
www.diodes.com
December 2012
© Diodes Incorporated
DMG5802LFX
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
24
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 5) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
6.5
5.2
A
Continuous Drain Current (Note 5) VGS = 2.5V
Steady
State
TA = +25°C
TA = +70°C
ID
5.6
4.5
A
Pulsed Drain Current (Note 6)
IDM
70
A
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Power Dissipation (Note 5)
PD
0.98
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 5)
RθJA
126.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
24
-
-
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-
-
1.0
μA
VDS = 24V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±10
μA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
0.6
0.9
1.5
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
11
15
VGS = 4.5V, ID = 6.5A
-
12
17
VGS = 4V, ID = 5.6A
-
13
18
VGS = 3.1V, ID = 5.6A
-
14
20
VGS = 2.5V, ID = 5.6A
Forward Transfer Admittance
|Yfs|
-
17
-
S
VDS = 5V, ID = 6.5A
Diode Forward Voltage
VSD
-
0.6
0.9
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
-
1066.4
-
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
132.0
-
Reverse Transfer Capacitance
Crss
-
127.1
-
Gate Resistance
Rg
-
1.47
-
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge VGS = 4.5V
Qg
-
14.5
-
nC
VGS = 4.5V, VDS = 15V, ID = 5.8A
Total Gate Charge VGS = 10V
Qg
-
31.3
-
VGS = 10V, VDS = 15V,
ID = 5.8A
Gate-Source Charge
Qgs
-
2.0
-
Gate-Drain Charge
Qgd
-
3.1
-
Turn-On Delay Time
tD(on)
-
3.69
-
ns
VGS = 10V, VDS = 15V,
RL = 2.1Ω, RG = 3Ω
Turn-On Rise Time
tr
-
13.43
-
ns
Turn-Off Delay Time
tD(off)
-
32.18
-
ns
Turn-Off Fall Time
tf
-
22.45
-
ns
Notes:
5. Device mounted on FR-4 PCB with minimum recommended pad layout, single sided.
6. Repetitive rating, pulse width limited by junction temperature.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMG5802LFX-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG5802LFX DIODES-DMG5802LFX_15 Datasheet
238Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG5802LFX-7

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com