Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC2038LVT Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMC2038LVT
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2038LVT Datasheet(HTML) 4 Page - Diodes Incorporated

  DMC2038LVT Datasheet HTML 1Page - Diodes Incorporated DMC2038LVT Datasheet HTML 2Page - Diodes Incorporated DMC2038LVT Datasheet HTML 3Page - Diodes Incorporated DMC2038LVT Datasheet HTML 4Page - Diodes Incorporated DMC2038LVT Datasheet HTML 5Page - Diodes Incorporated DMC2038LVT Datasheet HTML 6Page - Diodes Incorporated DMC2038LVT Datasheet HTML 7Page - Diodes Incorporated DMC2038LVT Datasheet HTML 8Page - Diodes Incorporated DMC2038LVT Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DMC2038LVT
Document number: DS35417 Rev. 4 - 2
4 of 10
www.diodes.com
September 2012
© Diodes Incorporated
DMC2038LVT
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0510
15
20
0
I , DRAIN SOURCE CURRENT
Fig. 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
V
= 4.5V
GS
V
= 2.5V
GS
V= 1.8V
GS
I , DRAIN SOURCE CURRENT (A)
Fig. 4 Typical On-Resistance vs.
Drain Current and Temperature
D
0
0.02
0.04
0.06
0.08
0
4
8
12
16
20
V
= 4.5V
GS
T = -55 C
A
°
T = 25 C
A
°
T = 85 C
A
°
T = 125 C
A
°
T = 150 C
A
°
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
°
Fig. 5 On-Resistance Variation with Temperature
0.5
0.7
0.9
1.1
1.3
1.5
1.7
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
°
Fig. 6 On-Resistance Variation with Temperature
0
0.01
0.02
0.03
0.04
0.05
0.06
V
=10V
I=10A
GS
D
V=5V
I=5A
GS
D
0
0.5
1
1.5
-50
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
A
I=1mA
D
I =250µA
D
V
, SOURCE-DRAIN VOLTAGE (V)
Fig. 8 Diode Forward Voltage vs. Current
SD
0
2
4
6
8
10
12
14
16
18
20
0.2
0.4
0.6
0.8
1
1.2
1.4
T= 25 C
A
°


Similar Part No. - DMC2038LVT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC2038LVT DIODES-DMC2038LVT Datasheet
708Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2038LVT-7 DIODES-DMC2038LVT-7 Datasheet
343Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2038LVT-7 DIODES-DMC2038LVT-7 Datasheet
708Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
DMC2038LVT-7-F VBSEMI-DMC2038LVT-7-F Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
Diodes Incorporated
DMC2038LVTQ-7 DIODES-DMC2038LVTQ-7 Datasheet
343Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Similar Description - DMC2038LVT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com