Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDM-51PCBRP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MDM-51PCBRP
Description  The Micro Line - .050" Contact Spacing
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MDM-51PCBRP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MDM-51PCBRP Datasheet HTML 1Page - List of Unclassifed Manufacturers MDM-51PCBRP Datasheet HTML 2Page - List of Unclassifed Manufacturers MDM-51PCBRP Datasheet HTML 3Page - List of Unclassifed Manufacturers MDM-51PCBRP Datasheet HTML 4Page - List of Unclassifed Manufacturers MDM-51PCBRP Datasheet HTML 5Page - List of Unclassifed Manufacturers MDM-51PCBRP Datasheet HTML 6Page - List of Unclassifed Manufacturers MDM-51PCBRP Datasheet HTML 7Page - List of Unclassifed Manufacturers MDM-51PCBRP Datasheet HTML 8Page - List of Unclassifed Manufacturers MDM-51PCBRP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ittcannon.com
231
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
The Micro Line - .050" Contact Spacing
Test Data
The Cannon MICRO Series established the stan-
dards for performance and reliability in mircominia-
ture interconnects. Exceptionally versatile, MICRO
connectors are available in rectangular, circular, and
strip
configurations,
with
3
amp
MICROPIN™/
MICROSOCkET™ contacts on .050(1.27) centers,
or with special arrangements of power and coaxial
contacts.
The heart of the Cannon MICROPIN/MICROSOCK-
ET contact system is a multi-element Twist Pin
Contact recessed with and insulating housing. The
rugged, cylindrical sockets are mounted in the
exposed half of the connector. When connector
halves are mated, the chamfered sockets are first
aligned by the connector body, then guide the spiral
MICROPIN contacts into proper and positive align-
ment, even under worst-case tolerance conditions.
This is Cannon's POS-A-LINE connectors design.
• Contact rating - 3 amps max.
• Contacts centers - .050(1.27).
• Wire sizes - #24 thru #32 AWG, stranded or
solid.
• Contact termination - multiple indent crimp.
• Contact retention -fixed via epoxy.
• Contact materials and finish - Copper alloy,
gold-plated per MIL-G-45204, Type II, Grade C,
Class 1 over copper flash.
• Mating/unmating force - 8 oz. per contact,
max./0.5 oz. per contact min.
The table below summarizes the results of key tests
performed
in
accordance
with
MIL-STD-1344,
where applicable. Data is applicable to standard
connectors
with
standard
termination.
Variations
may affect this data, so please consult the factory
for further information on your requirements.
The multiple spring elements of the MICROPIN,
then under compression, form
a multi-point contact
system of high mechanical and electrical integrity.
Contacts will provide a high degree of reliability
over hundreds of mating and unmating cycles, and
have proven themselves in applications that range
from commercial products to equipment that has
been landed on the moon.
Test
Dielectric Withstanding
Voltage
Method 3001:
Insulation Resistance
Method 3003
900 VAC at sea level
300 VAC at 70,00' altitude
Solder Pots and Shielded
Cable 600 VAC at sea level
150 VAC at 70,000' altitude
No breakdown
No breakdown
No breakdown
No breakdown
5,000 megohms minimum
No physical damage
No physical damage
No loss of continuity > 1
µsec
No physical damage
No loss of continuity > 1
µsec
No mechanical or electrical defects
Insulation resistance > 100 megohms
Shall be cable of mating and unmating,
and meet contact resistance requirements
8 milliohms maximum
10 milliohms maximum
5 lb. minimum axial load
- 55˚C to +125˚C
50 G's, 3 axes, 6 millisecond
duration sawtooth pulse
20 G's, 10-2,000 Hz. 12 hrs
48 hours
At 3 amps
At 1 milliamps
Thermal Shock
Method 1003. Condition A:
Physical Shock
Method 2004, Condition E:
Vibration
Method 2005, Condition IV:
Durability
500 cycles of mating and
unmating, 500 CPH max.
Moisture Resistance
Method 1002, Type II omit steps 7a & 7B
Salt Spray
Method 1001, Condition B:
Contact Resistance
(MIL-STD-202)
Method 307
Contact Retention
Per MIL-C-83513
Method
Criteria of Acceptance


Similar Part No. - MDM-51PCBRP

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-51PCBR ITT-MDM-51PCBR Datasheet
825Kb / 17P
   The Micro Line - .050 Contact Spacing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com