Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQPF9P25 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQPF9P25
Description  250V P-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF9P25 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQPF9P25 Datasheet HTML 1Page - Fairchild Semiconductor FQPF9P25 Datasheet HTML 2Page - Fairchild Semiconductor FQPF9P25 Datasheet HTML 3Page - Fairchild Semiconductor FQPF9P25 Datasheet HTML 4Page - Fairchild Semiconductor FQPF9P25 Datasheet HTML 5Page - Fairchild Semiconductor FQPF9P25 Datasheet HTML 6Page - Fairchild Semiconductor FQPF9P25 Datasheet HTML 7Page - Fairchild Semiconductor FQPF9P25 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2000 Fairchild Semiconductor International
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
Rev. A2, December 2000
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 28.9mH, IAS = -6.0A, VDD = -50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ -9.4A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = -250 µA
-250
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = -250 µA, Referenced to 25°C
--
-0.2
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -250 V, VGS = 0 V
--
--
-1
µA
VDS = -200 V, TC = 125°C
--
--
-10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = -30 V, VDS = 0 V
--
--
-100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = 30 V, VDS = 0 V
--
--
100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250 µA
-3.0
--
-5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = -10 V, ID = -3.0 A
--
0.48
0.62
gFS
Forward Transconductance
VDS = -40 V, ID = -3.0 A
--
4.8
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -25 V, VGS = 0 V,
f = 1.0 MHz
--
910
1180
pF
Coss
Output Capacitance
--
170
220
pF
Crss
Reverse Transfer Capacitance
--
27
35
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = -125 V, ID = -9.4 A,
RG = 25 Ω
--
20
50
ns
tr
Turn-On Rise Time
--
150
310
ns
td(off)
Turn-Off Delay Time
--
45
100
ns
tf
Turn-Off Fall Time
--
65
140
ns
Qg
Total Gate Charge
VDS = -200 V, ID = -9.4 A,
VGS = -10 V
--
29
38
nC
Qgs
Gate-Source Charge
--
7.6
--
nC
Qgd
Gate-Drain Charge
--
14
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
-6.0
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
-24
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = -6.0 A
--
--
-5.0
V
trr
Reverse Recovery Time
VGS = 0 V, IS = -9.4 A,
dIF / dt = 100 A/µs
--
190
--
ns
Qrr
Reverse Recovery Charge
--
1.45
--
µC


Similar Part No. - FQPF9P25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF90N08 FAIRCHILD-FQPF90N08 Datasheet
667Kb / 8P
   80V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF90N08 ISC-FQPF90N08 Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF90N10V2 FAIRCHILD-FQPF90N10V2 Datasheet
926Kb / 10P
   100V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF90N10V2 ISC-FQPF90N10V2 Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF9N08 FAIRCHILD-FQPF9N08 Datasheet
547Kb / 8P
   80V N-Channel MOSFET
More results

Similar Description - FQPF9P25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF6P25 FAIRCHILD-FQPF6P25 Datasheet
534Kb / 8P
   250V P-Channel MOSFET
FQP2P25 FAIRCHILD-FQP2P25 Datasheet
549Kb / 8P
   250V P-Channel MOSFET
FQP4P25 FAIRCHILD-FQP4P25 Datasheet
568Kb / 8P
   250V P-Channel MOSFET
FQD2P25 FAIRCHILD-FQD2P25 Datasheet
535Kb / 9P
   250V P-Channel MOSFET
FQP6P25 FAIRCHILD-FQP6P25 Datasheet
508Kb / 8P
   250V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2P25 KERSEMI-KSMD2P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
KSMD4P25 KERSEMI-KSMD4P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
logo
Fairchild Semiconductor
FQD6P25TM FAIRCHILD-FQD6P25TM Datasheet
640Kb / 9P
   250V P-Channel MOSFET
FQD6P25 FAIRCHILD-FQD6P25 Datasheet
511Kb / 9P
   250V P-Channel MOSFET
FQPF4P25 FAIRCHILD-FQPF4P25 Datasheet
573Kb / 8P
   250V P-Channel MOSFET
FQB9P25 FAIRCHILD-FQB9P25 Datasheet
573Kb / 9P
   250V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com