Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K2400E70RP Datasheet(PDF) 5 Page - Littelfuse

Part # K2400E70RP
Description  The SIDAC is a silicon bilateral voltage triggered switch. Upon application of a voltage exceeding the SIDAC breakover voltage point, the SIDAC switches on through a negative...
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2400E70RP Datasheet(HTML) 5 Page - Littelfuse

  K2400E70RP Datasheet HTML 1Page - Littelfuse K2400E70RP Datasheet HTML 2Page - Littelfuse K2400E70RP Datasheet HTML 3Page - Littelfuse K2400E70RP Datasheet HTML 4Page - Littelfuse K2400E70RP Datasheet HTML 5Page - Littelfuse K2400E70RP Datasheet HTML 6Page - Littelfuse K2400E70RP Datasheet HTML 7Page - Littelfuse K2400E70RP Datasheet HTML 8Page - Littelfuse K2400E70RP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
317
Revised:December21,2010 02:40PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Standard Bidirectional SIDACs
Kxxxzy Series
V
DC(IN)
≥ V
B0
V
C
I
L
R
L
R
SIDAC
(a) Circuit
R
max
V
IN
- V
BO
I
BO
R
min≥
V
IN
- V
TM
I
H (MIN)
(b) Waveforms
V
BO
V
C
I
L
t
t
C
Figure 13: Relaxation Oscillator Using a SIDAC
Figure 14: Low-voltage Input Circuit for Gas Ignition
4.7 μF
100 V
10 μF
50 V
24 V ac
60 Hz
4.7 μF
100 V
½ W
K1200E
Sidac
200 V
H.V.
Ignitor
1.2 μF
4.7 k
-
+
-
+
+
-
100-250 V ac
60 Hz
100-250 V ac
60 Hz
SCR
Sidac
Sidac
120 V ac
60 Hz
16 mH
3.3 k
0.47 μF
400 V
Ballast
Sidac
220 V ac
60 Hz
7.5 k
0.22 μF
Ballast
Lamp
120 V ac
220 V ac
Lamp
Figure 15: Comparison of SIDAC versus SCR for Gas
Ignitor Circuit
Figure 17: Typical High-pressure Sodium Lamp Firing Circuit
Figure 16: Xenon Lamp Flashing Circuit
-
+
+
-
Xenon Lamp
K2200G
10 μF
2 W
120 V ac
60 Hz
10 μF
450 V
4 kV
0.01 μF
400 V
20 M
Sidac
200-
400 V
100
250 V
Trigger
Transformer
20:1


Similar Part No. - K2400E70RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K2400E70RP LITTELFUSE-K2400E70RP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

Similar Description - K2400E70RP

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
K0900L LEIDITECH-K0900L Datasheet
1Mb / 6P
   The sidac is a silicon bilateral voltage triggered switch with greater power-handling capabilities than standard diacs
logo
ON Semiconductor
MKP1V120 ONSEMI-MKP1V120 Datasheet
53Kb / 6P
   Sidac High Voltage
September, 2004 ??Rev. 6
logo
Shindengen Electric Mfg...
K1V10 SHINDENGEN-K1V10 Datasheet
413Kb / 10P
   Sidac
K1V10 SHINDENGEN-K1V10_10 Datasheet
293Kb / 2P
   SIDAC
K1V36 SHINDENGEN-K1V36 Datasheet
419Kb / 10P
   Sidac
K1V5 SHINDENGEN-K1V5 Datasheet
413Kb / 10P
   Sidac
K1V14 SHINDENGEN-K1V14_10 Datasheet
288Kb / 2P
   SIDAC
logo
UN Semiconducctor INC
KXXXXSD1 UNSEMI-KXXXXSD1 Datasheet
2Mb / 5P
   Sidac
Revision March 1,2022
logo
Shindengen Electric Mfg...
K1V5 SHINDENGEN-K1V5_10 Datasheet
291Kb / 2P
   SIDAC
K1VA16 SHINDENGEN-K1VA16 Datasheet
416Kb / 10P
   Sidac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com