Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCWC0805 Datasheet(PDF) 3 Page - AVX Corporation

Part # LCWC0805
Description  Wire Wound Chip Inductor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCWC0805 Datasheet(HTML) 3 Page - AVX Corporation

  LCWC0805 Datasheet HTML 1Page - AVX Corporation LCWC0805 Datasheet HTML 2Page - AVX Corporation LCWC0805 Datasheet HTML 3Page - AVX Corporation LCWC0805 Datasheet HTML 4Page - AVX Corporation LCWC0805 Datasheet HTML 5Page - AVX Corporation LCWC0805 Datasheet HTML 6Page - AVX Corporation LCWC0805 Datasheet HTML 7Page - AVX Corporation LCWC0805 Datasheet HTML 8Page - AVX Corporation LCWC0805 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
23
Wire Wound Chip Inductor
LCWC Series
0603
lnductance
Tolerance
L Freq.
Quality Factor
SRF
DCR
lDC
900MHz
1.7GHz
Color
(nH)
(MHz)
Min.
(GHz)
(Ω) max.
(mA) max.
L
Q
L
Q
Code
1.6
±5, ±10%
250
24
12.5
0.030
700
1.53
35
1.58
55
Blue
1.8
±5, ±10%
250
16
12.5
0.045
700
1.63
35
1.66
50
Black
2.2
±5, ±10%
250
15
6.00
0.100
700
2.18
41
2.20
64
White
2.3
±5, ±10%
250
16
>4.00
0.140
700
2.32
32
2.35
40
Yellow
3.3
±2, ±5, ±10%
250
22
>6.00
0.080
700
3.35
47
3.40
65
Red
3.6
±2, ±5, ±10%
250
22
5.80
0.063
700
3.53
49
3.58
65
Violet
3.9
±2, ±5, ±10%
250
22
>6.00
0.080
700
3.95
49
3.96
67
Brown
4.3
±2, ±5, ±10%
250
22
5.80
0.063
700
4.32
49
4.43
67
Orange
4.5
±2, ±5, ±10%
250
20
5.80
0.120
700
4.74
55
4.87
92
Gray
4.7
±2, ±5, ±10%
250
25
5.80
0.120
700
4.65
53
4.80
67
Violet
5.1
±2, ±5, ±10%
250
20
5.80
0.160
700
5.13
47
5.36
56
Green
5.6
±2, ±5, ±10%
250
20
5.80
0.170
700
5.53
56
5.86
77
Yellow
6.2
±2, ±5, ±10%
250
25
5.80
0.110
700
6.28
60
6.40
85
Black
6.3
±2, ±5, ±10%
250
25
5.80
0.110
700
6.67
41
6.86
61
Black
6.8
±2, ±5, ±10%
250
27
5.80
0.110
700
6.75
60
7.10
81
Red
7.5
±2, ±5, ±10%
250
28
4.80
0.106
700
7.70
60
7.82
65
Brown
8.2
±2, ±5, ±10%
250
27
4.80
0.110
700
8.25
64
8.40
81
Green
8.7
±2, ±5, ±10%
250
28
4.80
0.109
700
8.86
62
9.32
58
Yellow
9.1
±2, ±5, ±10%
250
35
4.80
0.130
700
9.20
70
9.70
80
Black
9.5
±2, ±5, ±10%
250
28
5.40
0.135
700
9.70
59
9.92
61
Blue
10
±2, ±5, ±10%
250
31
4.80
0.130
700
10.0
66
10.6
83
Orange
11
±2, ±5, ±10%
250
31
4.00
0.086
700
11.3
53
12.1
56
Gray
12
±2, ±5, ±10%
250
35
4.00
0.130
700
12.3
72
13.5
83
Yellow
15
±2, ±5, ±10%
250
35
4.00
0.170
700
15.4
64
16.8
89
Green
16
±2, ±5, ±10%
250
35
3.30
0.110
700
16.5
55
18.0
52
White
17
±2, ±5, ±10%
250
35
3.20
0.170
700
17.6
56
19.4
44
Red
18
±2, ±5, ±10%
250
35
3.10
0.170
700
18.7
70
21.4
69
Blue
20
±2, ±5, ±10%
250
40
3.00
0.190
700
20.7
80
23.5
30
Green
22
±2, ±5, ±10%
250
38
3.00
0.190
700
22.8
73
26.1
71
Violet
23
±2, ±5, ±10%
250
38
2.85
0.190
700
24.1
71
28.0
71
Orange
24
±2, ±5, ±10%
250
38
2.80
0.130
700
25.7
45
30.9
40
Black
27
±2, ±5, ±10%
250
40
2.80
0.220
600
29.2
74
34.6
65
Gray
30
±2, ±5, ±10%
250
40
2.80
0.150
600
31.4
47
39.8
28
Brown
33
±2, ±5, ±10%
250
40
2.30
0.220
600
36.0
67
49.5
42
White
36
±2, ±5, ±10%
250
37
2.30
0.250
600
39.1
47
48.9
24
Red
39
±2, ±5, ±10%
250
40
2.20
0.250
600
42.7
60
60.2
40
Black
43
±2, ±5, ±10%
200
38
2.00
0.280
600
46.9
44
60.3
21
Orange
47
±2, ±5, ±10%
200
38
2.00
0.280
600
52.2
62
77.2
35
Brown
51
±2, ±5, ±10%
200
38
1.90
0.280
600
55.5
69
82.2
34
Blue
56
±2, ±5, ±10%
200
38
1.90
0.310
600
62.5
56
97.0
26
Red
62
±2, ±5, ±10%
200
37
1.80
0.340
600
68.0
40
110
10
Gray
68
±2, ±5, ±10%
200
37
1.70
0.340
600
80.5
54
168
21
Orange
72
±2, ±5, ±10%
150
34
1.70
0.490
600
82.0
53
135
20
Yellow
82
±2, ±5, ±10%
150
34
1.70
0.540
400
96.2
54
177
21
Green
91
±2, ±5, ±10%
150
30
1.70
0.500
400
110.0
50
416.4
6
Brown
100
±2, ±5, ±10%
150
34
1.40
0.580
400
124.0
49
319.5
13
Blue
110
±2, ±5, ±10%
150
32
1.35
0.610
300
138.0
43
342.7
15
Violet
120
±2, ±5, ±10%
150
32
1.30
0.650
300
166.0
39
529.3
8
Gray
130
±2, ±5, ±10%
150
30
1.40
0.720
300
185.0
60
-
-
White
140
±2, ±5, ±10%
100
28
1.30
0.870
280
190.0
80
-
-
Blue
150
±2, ±5, ±10%
100
28
1.30
0.950
280
230.0
25
-
-
White
160
±2, ±5, ±10%
100
25
1.30
1.400
280
215.0
20
-
-
Yellow
180
±2, ±5, ±10%
100
25
1.25
1.400
250
305.0
22
-
-
Black
220
±2, ±5, ±10%
100
25
1.20
1.600
250
377.0
21
-
-
Brown
260
±2, ±5, ±10%
100
25
1.00
2.000
200
469.0
21
-
-
Violet
270
±2, ±5, ±10%
100
25
0.90
2.100
200
523.0
19
-
-
Red
280
±2, ±5, ±10%
100
25
1.00
2.400
100
524.0
18
-
-
Green
300
±2, ±5, ±10%
100
25
0.75
2.500
150
539.7
21
-
-
Orange
330
±2, ±5, ±10%
100
25
0.90
3.800
100
680.4
20
-
-
Blue
390
±2, ±5, ±10%
100
25
0.90
4.350
100
734.5
29
-
-
Yellow
470
±2, ±5, ±10%
100
23
0.60
3.600
80
-
-
-
-
White


Similar Part No. - LCWC0805

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWCP7P OSRAM-LCWCP7P Datasheet
565Kb / 21P
   SMD Keramik Geh채use mit Silikonverguss und Linse
LCWCP7P.PC OSRAM-LCWCP7P.PC Datasheet
459Kb / 19P
   SMD ceramic package with silicon resin with lens
LCWCPDP.PC OSRAM-LCWCPDP.PC Datasheet
475Kb / 19P
   SMD ceramic package with silicon resin with lens
LCWCQ7P.CC OSRAM-LCWCQ7P.CC Datasheet
559Kb / 22P
   SMD ceramic package with silicon resin with lens
LCWCQ7P.EC OSRAM-LCWCQ7P.EC Datasheet
1Mb / 27P
   SMT ceramic package with silicone resin and silicone lens
More results

Similar Description - LCWC0805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCFT000148 ETC2-MCFT000148 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
logo
Delta Electronics, Inc.
0805CS DELTA-0805CS Datasheet
488Kb / 5P
   WIRE-WOUND CHIP INDUCTOR
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
   WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
   WIRE-WOUND CHIP INDUCTOR – CERAMIC
logo
Filtran LTD
8432 FILTRAN-8432 Datasheet
176Kb / 5P
   WIRE WOUND Ceramic Chip Inductor
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PNR47NN0L MURATA-LQH32PNR47NN0L Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
logo
Murata Power Solutions ...
LQH5BPNR47NT0X MURATA-PS-LQH5BPNR47NT0X Datasheet
67Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com