Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVGC-150 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # HVGC-150
Description  150W Single Output LED Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HVGC-150 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  HVGC-150_13 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HVGC-150_13 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HVGC-150_13 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HVGC-150_13 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HVGC-150_13 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HVGC-150_13 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HVGC-150_13 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
65
70
75
80
85
90
95
10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
480V
347V
277V
230V
EFFICIENCY vs LOAD (HVGC-150-350 Model)
HVGC-150 se ries possess superior working e fficiency th at up to 91% can be r eached in field applicati ons.
LOAD
DRIVING METHODS OF LED MODULE
A typical LED power supply m ay w ork in "consta nt current m ode ( CC)" to drive the LEDs.
Mean Well's LED power supply wit h CC char acter ist ic can be operated at CC m ode (direc t drive).
Typical LED power supply I-V curve
100
50
50
100
(max.)
Io (%)
Constant
Current area
150W Single Output LED Power Supply
H V G C - 1 5 0 series
File Name:HVGC-150-SPEC 2013-03-20


Similar Part No. - HVGC-150_13

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HVGC-150 MEANWELL-HVGC-150 Datasheet
261Kb / 6P
   150W Single Output LED Power Supply
More results

Similar Description - HVGC-150_13

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
ELG-150-C MEANWELL-ELG-150-C Datasheet
177Kb / 8P
   150W Single Output LED Power Supply
HLG-120H-C MEANWELL-HLG-120H-C Datasheet
406Kb / 6P
   150W Single Output LED Power Supply
HVGC-150 MEANWELL-HVGC-150 Datasheet
261Kb / 6P
   150W Single Output LED Power Supply
LPC-150 MEANWELL-LPC-150 Datasheet
88Kb / 2P
   150W Single Output LED Power Supply
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
   150W Single Output Switching Power Supply
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
   150W Single Output Switching Power Supply
S-150 MEANWELL-S-150_10 Datasheet
417Kb / 2P
   150W Single Output Switching Power Supply
CLG-150 MEANWELL-CLG-150_11 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com