Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC38C45YMM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC38C45YMM
Description  BiCMOS Current-Mode PWM Controllers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC38C45YMM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC38C45YMM Datasheet HTML 1Page - Micrel Semiconductor MIC38C45YMM Datasheet HTML 2Page - Micrel Semiconductor MIC38C45YMM Datasheet HTML 3Page - Micrel Semiconductor MIC38C45YMM Datasheet HTML 4Page - Micrel Semiconductor MIC38C45YMM Datasheet HTML 5Page - Micrel Semiconductor MIC38C45YMM Datasheet HTML 6Page - Micrel Semiconductor MIC38C45YMM Datasheet HTML 7Page - Micrel Semiconductor MIC38C45YMM Datasheet HTML 8Page - Micrel Semiconductor MIC38C45YMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MIC38C42/3/4/5
Micrel, Inc.
M9999-091107
2
September 2007
UVLO Thresholds
Startup 8.4V
Startup 14.5V
Duty Cycle
Minimum Operating 7.6V
Minimum Operating 9V
0% to 96%
MIC38C43
MIC38C42
0% to 50%
MIC38C45
MIC38C44
Selection Guide
Ordering Information
Part Number*
Temperature Range
Package
Standard
Pb-Free
MIC38C42BN
MIC38C42YN
-40°C to +85°C
8-pin Plastic DIP
MIC38C43BN
MIC38C43YN
-40°C to +85°C
8-pin Plastic DIP
MIC38C44BN
MIC38C44YN
-40°C to +85°C
8-pin Plastic DIP
MIC38C45BN
MIC38C45YN
-40°C to +85°C
8-pin Plastic DIP
MIC38C42-1BN
Contact Factory
-40°C to +85°C
14-pin Plastic DIP
MIC38C43-1BN
Contact Factory
-40°C to +85°C
14-pin Plastic DIP
MIC38C44-1BN
MIC38C44-1YN
-40°C to +85°C
14-pin Plastic DIP
MIC38C45-1BN
Contact Factory
-40°C to +85°C
14-pin Plastic DIP
MIC38C42BM
MIC38C42YM
-40°C to +85°C
8-pin SOIC
MIC38C43BM
MIC38C43YM
-40°C to +85°C
8-pin SOIC
MIC38C44BM
MIC38C44YM
-40°C to +85°C
8-pin SOIC
MIC38C45BM
MIC38C45YM
-40°C to +85°C
8-pin SOIC
MIC38C42BMM
MIC38C42YMM
-40°C to +85°C
8-pin MSOP
MIC38C43BMM
MIC38C43YMM
-40°C to +85°C
8-pin MSOP
MIC38C44BMM
MIC38C44YMM
-40°C to +85°C
8-pin MSOP
MIC38C45BMM
MIC38C45YMM
-40°C to +85°C
8-pin MSOP
MIC38C42-1BM
MIC38C42-1YM
-40°C to +85°C
14-pin SOIC
MIC38C43-1BM
MIC38C43-1YM
-40°C to +85°C
14-pin SOIC
MIC38C44-1BM
MIC38C44-1YM
-40°C to +85°C
14-pin SOIC
MIC38C45-1BM
MIC38C45-1YM
-40°C to +85°C
14-pin SOIC
* Refer to the Part Number Cross Reference for a listing of Micrel devices equivalent to UC284x and UC384x devices.


Similar Part No. - MIC38C45YMM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC38C45YMM MICROCHIP-MIC38C45YMM Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
MIC38C45YMM-TR MICROCHIP-MIC38C45YMM-TR Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
More results

Similar Description - MIC38C45YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42_11 Datasheet
86Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42 Datasheet
80Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com